Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT4403 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMBT4403
Description  Silicon PNP transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMBT4403 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMBT4403 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT4403 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT4403 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT4403 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT4403 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT4403 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT4403
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-40
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current
IC
-600
mA
Collector Power Dissipation
PC
350
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=-0.1mA
IB=0
-40
V
Collector to Base Breakdown
Voltage
VCBO
IC=-1.0mA
IE=0
-40
V
Emitter to Base Breakdown
Voltage
VEBO
IE=-0.1mA
IC=0
-5.0
V
Collector Cut-Off Current
ICBO
VCB=-40V
IE=0
-50
nA
Emitter Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-50
nA
DC Current Gain
hFE(1)
VCE=-2.0V
IC=-150mA
100
300
hFE(2)
VCE=-1.0V
IC=-0.1mA
30
hFE(3)
VCE=-1.0V
IC=-1.0mA
60
hFE(4)
VCE=-1.0V
IC=-10mA
100
hFE(5)
VCE=-2.0V
IC=-500mA
20
Collector-Emitter Saturation
voltage
VCE(sat) (1) IC=-150mA
IB=-15mA
-0.4
V
VCE(sat) (2) IC=-500mA
IB=-50mA
-0.75
V
Base-Emitter Saturation Voltage
VBE(sat) (1) IC=-150mA
IB=-15mA
-0.75
-0.95
V
VBE(sat) (2) IC=-500mA
IB=-50mA
-1.3
V
Transition Frequency
fT
VCE=-10V
IC=-20mA
f=100MHz
200
MHz
Delay Time
td
VCC=-30V
IC=-150mA
IB1=-15mA
15
ns
Rise Time
tr
20
ns
Storage Time
ts
VCC=-30V
IC=-150mA
IB1=IB2=-15mA
225
ns
Fall Time
tf
30
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - MMBT4403

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT4403 DIOTEC-MMBT4403 Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Transys Electronics
MMBT4403 TRSYS-MMBT4403 Datasheet
196Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Vaishali Semiconductor
MMBT4403 VAISH-MMBT4403 Datasheet
46Kb / 3P
   Small Signal Transistor (PNP)
logo
Fairchild Semiconductor
MMBT4403 FAIRCHILD-MMBT4403 Datasheet
71Kb / 7P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT4403 MCC-MMBT4403 Datasheet
280Kb / 4P
   PNP General Purpose Amplifier
More results

Similar Description - MMBT4403

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BCW30 FOSHAN-BCW30 Datasheet
911Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT589 FOSHAN-MMBT589 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SA1036K FOSHAN-2SA1036K Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB709A FOSHAN-2SB709A Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1198K FOSHAN-2SB1198K Datasheet
691Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1295 FOSHAN-2SB1295 Datasheet
632Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC858 FOSHAN-BC858 Datasheet
910Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC856 FOSHAN-BC856 Datasheet
896Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
FMMT591 FOSHAN-FMMT591 Datasheet
790Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
KSA1182 FOSHAN-KSA1182 Datasheet
698Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com