Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC144WBA3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTC144WBA3
Description  NPN Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC144WBA3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTC144WBA3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC144WBA3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC144WBA3 Datasheet HTML 3Page - Cystech Electonics Corp. DTC144WBA3 Datasheet HTML 4Page - Cystech Electonics Corp. DTC144WBA3 Datasheet HTML 5Page - Cystech Electonics Corp. DTC144WBA3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C376A3
Issued Date : 2017.07.25
Revised Date :
Page No. : 2/6
DTC144WBA3
CYStek Product Specification
Ordering Information
Device
Package
Shipping
DTC144WBA3-0-TB-G
TO-92
(Pb-free lead plating and halogen-free package)
2000 pcs / Tape & Box
DTC144WBA3-0-BK-G
TO-92
(Pb-free lead plating and halogen-free package)
1000 pcs/ bag, 10 bags/box,
10boxes/carton
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, TB :2000 pcs/tape & box; BK: 1000 pcs / bag, 10 bags/box, 10 boxes/carton
Product rank, zero for no rank products
Product name
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
50
V
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
10
V
Input Voltage
VI
-10~+40
V
IO
100
mA
Output Current
IO(max.)
100
mA
Power Dissipation @ TA=25
°C
PD
500
mW
Thermal Resistance, Junction to Ambient
RθJA
250
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-65~+150
°C
Operating Ambient Temperature
Tamb
-65~+150
°C
Electrical Characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
-
1.7
1.2
V
VCC=5V, IO=100μA
Input Voltage
VI(on)
4
2.4
-
V
VO=0.3V, IO=2mA
Output Voltage
VO(on)
-
57
150
mV
IO=10mA, II=0.5mA
Input Current
II
-
-
0.16
mA
VI=5V
Output Current
IO(off)
-
-
0.5
μA
VCC=50V, VI=0V
Collector Base
Cutoff Current
ICBO
-
-
100
nA
VCB=50V, IE=0A
Collector Emitter
Cutoff Current
ICEO
-
-
500
nA
VCE=50V, IB=0A
DC Current Gain
HFE
60
-
-
-
VCE=5V, IC=5mA
Input Resistance
R1
32.9
47
61.1
k
Ω
-
Resistance Ratio
R2/R1
0.37
0.47
0.57
-
-
Transition Frequency
fT
-
250
-
MHz
VCE=10V, IC=5mA, f=100MHz *
* Transition frequency of the device


Similar Part No. - DTC144WBA3

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144W ROHM-DTC144W Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTC144W ROHM-DTC144W Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTC144WA ROHM-DTC144WA Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Cystech Electonics Corp...
DTC144WA3 CYSTEKEC-DTC144WA3 Datasheet
240Kb / 6P
   NPN Digital Transistors
DTC144WA3 CYSTEKEC-DTC144WA3 Datasheet
299Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC144WBA3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTC114Y SECOS-DTC114Y_15 Datasheet
228Kb / 2P
   NPN Digital Transistors
DTC144E SECOS-DTC144E_15 Datasheet
219Kb / 3P
   NPN Digital Transistors
DTC144T SECOS-DTC144T_15 Datasheet
77Kb / 2P
   NPN Digital Transistors
logo
Micro Commercial Compon...
DTC144EUA MCC-DTC144EUA Datasheet
440Kb / 2P
   NPN Digital Transistors
logo
Guangdong Kexin Industr...
KTC143ZKA KEXIN-KTC143ZKA Datasheet
212Kb / 2P
   NPN Digital transistors
logo
Micro Commercial Compon...
DTC114YE MCC-DTC114YE_13 Datasheet
222Kb / 2P
   NPN Digital Transistors
DTC143ZE MCC-DTC143ZE_13 Datasheet
248Kb / 3P
   NPN Digital Transistors
DTC123YUA MCC-DTC123YUA Datasheet
365Kb / 3P
   NPN Digital Transistors
DTC143TM MCC-DTC143TM Datasheet
585Kb / 3P
   NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_09 Datasheet
89Kb / 2P
   NPN Digital Transistors
DTC144EKA MCC-DTC144EKA Datasheet
797Kb / 2P
   NPN Digital Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com