Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DISP0165CTSP Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # DISP0165CTSP
Description  Switching Control Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DISP0165CTSP Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  DISP0165CTSP Datasheet HTML 1Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 2Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 3Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 4Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 5Page - Cystech Electonics Corp. DISP0165CTSP Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C179SP
Issued Date : 2017.08.23
Revised Date :
Page No. : 1/6
DISP0165CTSP
CYStek Product Specification
Switching Control Diode
DISP0165CTSP
Features
• High current capability
• Smoothly soft reverse recovery time (trr)
• Low profile surface mounted package in order to minimize board space
• Pb-free lead plating and halogen-free package
Mechanical data
•Case : TO-277 Molded plastic
•Epoxy : UL94-V0 rated flame retardant
•Terminals : Plated terminals, solderable per MIL-STD-202 method 208
•Weight : approx. 0.093 gram
Symbol
Outline
DISP0165CTSP
2
3
1
2
3
1
Cathode
Cathode
Anode
Cathode
Cathode
Anode
TO-277
Ordering Information
Device
Package
Shipping
DISP0165CTSP-0-T6-G
TO-277
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T6 : 3000 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - DISP0165CTSP

ManufacturerPart #DatasheetDescription
logo
Logic Fruit Technologie...
DISPLAY-PORT-IP LFTECH-DISPLAY-PORT-IP Datasheet
6Mb / 5P
   DISPLAY PORT IPs
More results

Similar Description - DISP0165CTSP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DIS0365SP CYSTEKEC-DIS0365SP Datasheet
643Kb / 7P
   Switching Control Diode
DISN0165SP CYSTEKEC-DISN0165SP Datasheet
617Kb / 7P
   Switching Control Diode
DIS0365CTSP CYSTEKEC-DIS0365CTSP Datasheet
643Kb / 7P
   Switching Control Diode
logo
Mitsubishi Electric Sem...
M51978P MITSUBISHI-M51978P Datasheet
1Mb / 24P
   SWITCHING REGULATOR CONTROL
M51997P MITSUBISHI-M51997P Datasheet
922Kb / 22P
   SWITCHING REGULATOR CONTROL?
logo
Renesas Technology Corp
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
   Switching Regulator Control
logo
Mitsubishi Electric Sem...
M51995AP MITSUBISHI-M51995AP Datasheet
461Kb / 27P
   SWITCHING REGULATOR CONTROL
M51996AP MITSUBISHI-M51996AP Datasheet
366Kb / 22P
   SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51998P RENESAS-M51998P Datasheet
1Mb / 5P
   SWITCHING REGULATOR CONTROL
logo
Mitsubishi Electric Sem...
M5T494 MITSUBISHI-M5T494 Datasheet
294Kb / 5P
   SWITCHING REGULATOR CONTROL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com