Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3904G Datasheet(PDF) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMBT3904G
Description  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMBT3904G Datasheet(HTML) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMBT3904G Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT3904G Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT3904G Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT3904G Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT3904G Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT3904G Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMBT3904G
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
5 / 6
印章说明 / Marking Instructions
说明:
G: 
为无卤产品代码
1A
: 
为型号代码
Note:
G:
HF Product Code
1A
Product Type Code
G1A


Similar Part No. - MMBT3904G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBT3904G ZOWIE-MMBT3904G Datasheet
105Kb / 6P
   General Purpose Transistor
logo
Unisonic Technologies
MMBT3904G-AE3-R UTC-MMBT3904G-AE3-R Datasheet
155Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3904G-AL3-R UTC-MMBT3904G-AL3-R Datasheet
155Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3904G-AN3-R UTC-MMBT3904G-AN3-R Datasheet
155Kb / 3P
   GENERAL PURPOSE APPLIATION
logo
Zowie Technology Corpor...
MMBT3904GH ZOWIE-MMBT3904GH Datasheet
112Kb / 6P
   General Purpose Transistor
More results

Similar Description - MMBT3904G

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com