Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022172057 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022172057
Description  KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 5 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022172057 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022172057_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0022172057_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022172057
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 PC Board Connector, Bottom Entry, 0.80µm Gold (Au), 5 Circuits
Documents:
3D Model
Product Specification PS-10-07-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
4455
Application
Board-to-Board, Signal
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800753737273
Physical
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Natural (White)
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
0.620/g
Number of Rows
1
Orientation
Bottom Entry
PC Tail Length
3.35mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to Mating Part
No
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3.5A, 3.75A, 3.0A, 4.0A
Grounding to PCB
No
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
4455 Series
Mates With
KK® Header 4094 , 42376 , 42375 , 42377 ,
4030 , 171856 , 171857


Similar Part No. - 0022172057_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022172057 MOLEX2-0022172057 Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 0.80關m (30關) Gold (Au), 5 Circuits
More results

Similar Description - 0022172057_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022172027 MOLEX1-0022172027_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 2 Circuits
0022172077 MOLEX1-0022172077_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 7 Circuits
0022172067 MOLEX1-0022172067_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 6 Circuits
0022172157 MOLEX1-0022172157_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 15 Circuits
0022172037 MOLEX1-0022172037_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 3 Circuits
0022172137 MOLEX1-0022172137_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 13 Circuits
0022172187 MOLEX1-0022172187_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 18 Circuits
0022172047 MOLEX1-0022172047_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 4 Circuits
0022172087 MOLEX1-0022172087_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 8 Circuits
0022172147 MOLEX1-0022172147_17 Datasheet
52Kb / 2P
   KK 254 PC Board Connector, Bottom Entry, 0.80關m Gold (Au), 14 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com