Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1129 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SA1129
Description  Silicon PNP transistor in a TO-220 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1129 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1129 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1129 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1129 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1129 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1129 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1129 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1129
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2
/ 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-100
V
Collector to Emitter Voltage
VCEO
-40
V
Emitter to Base Voltage
VEBO
-7.0
V
Collector Current - Continuous
IC
-7.0
A
Collector Current – Continuous(Pulse)
ICP
-15
A
Base Current - Continuous
IB
-3.5
A
Collector Power Dissipation
PC(TC=25 )
40
W
PC
1.5
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=-40V
IE=0
-10
μA
Emitter Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-10
μA
DC Current Gain
hFE(1)
VCE=-1.0V
IC=-3.0A
40
320
hFE(2)
VCE=-1.0V
IC=-5.0A
20
Collector to Emitter Saturation
Voltage
VCE(sat)(1)
IC=-3.0A
IB=-0.1A
-0.3
V
VCE(sat)(2)
IC=-5.0A
IB=-0.5A
-0.6
V
Base to Emitter Saturation
Voltage
VBE(sat)(1)
IC=-3.0A
IB=-0.1A
-1.5
V
VBE(sat)(2)
IC=-5.0A
IB=-0.5A
-2.0
V
Turn-On Time
ton
IC=-5.0A
RL=4.0Ω
IB1=-IB2=-0.5A
VCC≌-20V
PW 50μs
duty cycle≤2%
1.0
μs
Storage Time
tstg
2.5
μs
Fall Time
tf
1.0
μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - 2SA1129

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1129 NEC-2SA1129 Datasheet
103Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1129 SAVANTIC-2SA1129 Datasheet
102Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1129 JMNIC-2SA1129 Datasheet
186Kb / 3P
   Silicon PNP Power Transistors
2SA1129 JMNIC-2SA1129 Datasheet
186Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2SA1129

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MJE15033 FOSHAN-MJE15033 Datasheet
1,009Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32A FOSHAN-TIP32A Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32C FOSHAN-TIP32C Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP127 FOSHAN-TIP127 Datasheet
883Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
2SA1010 FOSHAN-2SA1010 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
BD544 FOSHAN-BD544 Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
BD544A FOSHAN-BD544A Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32 FOSHAN-TIP32 Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
2SA940 FOSHAN-2SA940 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
MJE2955T FOSHAN-MJE2955T Datasheet
882Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP42C FOSHAN-TIP42C Datasheet
906Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com