Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8042RGCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8042RGCR
Description  Four-Port USB 3.1 Gen1 Hub
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8042RGCR Datasheet(HTML) 3 Page - Texas Instruments

  TUSB8042RGCR Datasheet HTML 1Page - Texas Instruments TUSB8042RGCR Datasheet HTML 2Page - Texas Instruments TUSB8042RGCR Datasheet HTML 3Page - Texas Instruments TUSB8042RGCR Datasheet HTML 4Page - Texas Instruments TUSB8042RGCR Datasheet HTML 5Page - Texas Instruments TUSB8042RGCR Datasheet HTML 6Page - Texas Instruments TUSB8042RGCR Datasheet HTML 7Page - Texas Instruments TUSB8042RGCR Datasheet HTML 8Page - Texas Instruments TUSB8042RGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
3
TUSB8042
www.ti.com
SLLSET2 – AUGUST 2017
Product Folder Links: TUSB8042
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Description (Continued)
When the upstream port is connected to an electrical environment that only supports full-speed/low-speed
connections, SuperSpeed USB and high-speed connectivity are disabled on the downstream ports.
The TUSB8042 supports per port or ganged power switching and over-current protection, and supports battery
charging applications.
An individually port power controlled hub switches power on or off to each downstream port as requested by the
USB host. Also when an individually port power controlled hub senses an over-current event, only power to the
affected downstream port will be switched off.
A ganged hub switches on power to all its downstream ports when power is required to be on for any port. The
power to the downstream ports is not switched off unless all ports are in a state that allows power to be removed.
Also when a ganged hub senses an over-current event, power to all downstream ports will be switched off.
The TUSB8042 downstream ports provide support for battery charging applications by providing Battery
Charging Downstream Port (CDP) handshaking support. It also supports a Dedicated Charging Port (DCP) mode
when the upstream port is not connected. The DCP mode supports USB devices which support with the USB
Battery Charging, Galaxy Charging, and Chinese Telecommunications Industry Standard YD/T 1591-2009. In
addition when upstream port is unconnected, the TUSB8042 supports the divider charging port modes (ACPx
modes) and an automatic transition through all modes, starting with ACP3 and ending in DCP.
The TUSB8042 provides pin strap configuration for some features including battery charging support, and also
provides customization though OTP ROM, I2C EEPROM, or via an I2C/SMBus slave interface for PID, VID, and
custom port and phy configurations. Custom string support is also available when using an I2C EEPROM or the
I2C/SMBus slave interface.
The device is available in a 64-pin RGC package and is offered in a commercial version for operation over the
temperature range of 0°C to 70°C.


Similar Part No. - TUSB8042RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AI TI1-TUSB8042AI Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AIRGCR TI1-TUSB8042AIRGCR Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AIRGCT TI1-TUSB8042AIRGCT Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042ARGCR TI1-TUSB8042ARGCR Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
More results

Similar Description - TUSB8042RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub with USB Billboard
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
[Old version datasheet]   TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
   USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
logo
Texas Instruments
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
   USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-U31IS4PH COOLGEAR-CG-U31IS4PH Datasheet
118Kb / 3P
   4 Port USB 3.1 Gen1 Isolated Hub with 15KV ESD Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com