Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR31BX103AKZR Datasheet(PDF) 1 Page - Kemet Corporation

Part # CDR31BX103AKZR
Description  Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 50 V, 0805, BX, R (0.01%/1000 Hrs)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR31BX103AKZR Datasheet(HTML) 1 Page - Kemet Corporation

  CDR31BX103AKZR Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/20/2017 - c5019f93-2b44-46e7-a95f-c311552ba277
KEMET Part Number: CDR31BX103AKZR
(C0805N103K5XRL, C0805N103K5XRL-MilitaryBulk)
Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 50 V, 0805, BX, R (0.01%/1000 Hrs)
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
1.3mm
B
0.5mm +/-0.2mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1
General Information
Style: SMD Chip
Series: MilChip-55681
Chip Size: 0805
RoHS: No
Termination: Lead (SnPb)
Failure Rate: R (0.01%/1000 Hrs)
Testing and Reliability: MIL-PRF-55681
Approvals: MIL-PRF-55681
Miscellaneous: Termination Description:
SolderPlate 70-30
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: BX
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - CDR31BX103AKZR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR31BX103AKZS KEMET-CDR31BX103AKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 50 V, 0805, BX, S (0.001%/1000 Hrs)
More results

Similar Description - CDR31BX103AKZR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR31BX103AKZS KEMET-CDR31BX103AKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 50 V, 0805, BX, S (0.001%/1000 Hrs)
CDR32BX103BKZS KEMET-CDR32BX103BKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 100 V, 1206, BX, S (0.001%/1000 Hrs)
CDR31BX103AKSR-T KEMET-CDR31BX103AKSR-T Datasheet
62Kb / 1P
   SMD Mil PRF55681, Ceramic, Military/High Reliability, 0.01 uF, 10%, 50 VDC, BX, R (0.01%/1000 Hrs), 0805
CDR31BX102BKZS KEMET-CDR31BX102BKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 1000 pF, 10%, 100 V, 0805, BX, S (0.001%/1000 Hrs)
CDR33BX104AKZS KEMET-CDR33BX104AKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 0.1 uF, 10%, 50 V, 1210, BX, S (0.001%/1000 Hrs)
CDR35BX104BKZS KEMET-CDR35BX104BKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 0.1 uF, 10%, 100 V, 1825, BX, S (0.001%/1000 Hrs)
CKR05BX103KR KEMET-CKR05BX103KR Datasheet
63Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 0.01 uF, 10%, 100 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
C052T103K1X5CR KEMET-C052T103K1X5CR Datasheet
53Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 0.01 uF, 10%, 100 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
CKR05BX473KR KEMET-CKR05BX473KR Datasheet
63Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 0.047 uF, 10%, 50 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
CKR06BX474KR KEMET-CKR06BX474KR Datasheet
53Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 0.47 uF, 10%, 50 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com