Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HM62864 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. HM62864
Description  65536-word ´ 8-bit High Speed CMOS Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
HM62864 Series
65536-word
× 8-bit High Speed CMOS Static RAM
ADE-203-255B (Z)
Rev. 2.0
Jul. 4, 1995
Description
The Hitachi HM62864 is a CMOS static RAM organized 64-kword
× 8-bit. It realizes higher density,
higher performance and low power consumption by employing 0.8
µm Hi-CMOS process technology. It
offers low power standby power dissipation; therefore, it is suitable for battery backup systems. The
device, packaged in a 525-mil SOP (460-mil body SOP) and a 8
× 20 mm TSOP with thickness of 1.2
mm, is available for high density mounting. TSOP package is suitable for cards.
Features
High speed
— Fast access time: 55/70/85 ns (max)
Low power
— Active: 50 mW (typ) (f = 1 MHz)
— Standby: 2
µW (typ)
Single 5 V supply
Completely static memory
No clock or timing strobe required
Equal access and cycle times
Common data input and output
Three state output
Directly TTL compatible
All inputs and outputs
Capability of battery backup operation
2 chip selection for battery backup




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T8512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8512TM-65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATN131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V81000ATM131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5T16100TM-65536-word x 16-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl