Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805F473K5RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805F473K5RACAUTO
Description  Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.047 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Open Mode, Automotive Grade
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805F473K5RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0805F473K5RACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 67bae799-e1d9-4793-a17c-e87fee59c411
KEMET Part Number: C0805F473K5RACAUTO
Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.047 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Open Mode, Automotive
Grade
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.9mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: AUTO-OpenMode-(CxxxxF-
AUTO)
Chip Size: 0805
Description: SMD, MLCC, Open Mode,
Automotive Grade
Features: Open Mode, Automotive Grade
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.047 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 2.128 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805F473K5RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805F473K5RAC KEMET-C0805F473K5RAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C0805F473K5RACTU KEMET-C0805F473K5RACTU Datasheet
66Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.047 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
More results

Similar Description - C0805F473K5RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805F104K5RACAUTO KEMET-C0805F104K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Open Mode, Automotive Grade
C0805F223K1RACAUTO KEMET-C0805F223K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.022 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Open Mode, Automotive Grade
C0805F103K1RACAUTO KEMET-C0805F103K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.01 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Open Mode, Automotive Grade
C1206F474K5RACAUTO KEMET-C1206F474K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.47 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Open Mode, Automotive Grade
C1206F105K5RACAUTO KEMET-C1206F105K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Open Mode, Automotive Grade
C1210F225K5RACAUTO KEMET-C1210F225K5RACAUTO Datasheet
71Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 2.2 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Open Mode, Automotive Grade
C0805F102K1RACAUTO KEMET-C0805F102K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 1000 pF, 10%, 100 V, 0805, X7R, SMD, MLCC, Open Mode, Automotive Grade
C1206F104K1RACAUTO KEMET-C1206F104K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Automotive Grade
C0805F222K1RACAUTO KEMET-C0805F222K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 2200 pF, 10%, 100 V, 0805, X7R, SMD, MLCC, Open Mode, Automotive Grade
C0805F472K1RACAUTO KEMET-C0805F472K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 4700 pF, 10%, 100 V, 0805, X7R, SMD, MLCC, Open Mode, Automotive Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com