Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTB1124 Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # KTB1124
Description  Silicon PNP transistor in a SOT-89 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTB1124 Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTB1124 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1124 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1124 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1124 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1124 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1124 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KTB1124
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
SOT-89
1,000
7
7,000
8
56,000
7〞×12
180×120×180
385×257×392
使用说明 / Notices


Similar Part No. - KTB1124

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1124 KEC-KTB1124 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTB1124 KEC-KTB1124 Datasheet
521Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Nanjing International G...
KTB1124 DGNJDZ-KTB1124 Datasheet
608Kb / 4P
   Medium power transistor(-60V,-3A)
logo
KEC(Korea Electronics)
KTB1124 KEC-KTB1124_08 Datasheet
521Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTB1124 KEC-KTB1124_15 Datasheet
521Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTB1124

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MMBTA92T FOSHAN-MMBTA92T Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SA1201 FOSHAN-2SA1201 Datasheet
918Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB798 FOSHAN-2SB798 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB1424 FOSHAN-2SB1424 Datasheet
781Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SA1203 FOSHAN-2SA1203 Datasheet
818Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB1260 FOSHAN-2SB1260 Datasheet
669Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
MMBT5401T FOSHAN-MMBT5401T Datasheet
949Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Rectron Semiconductor
8850T RECTRON-8850T Datasheet
363Kb / 7P
   Silicon PNP transistor in a SOT-89 Plastic Package.
logo
Foshan Blue Rocket Elec...
2SA1213 FOSHAN-2SA1213 Datasheet
949Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
PBSS5350X FOSHAN-PBSS5350X Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB766A FOSHAN-2SB766A Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com