Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C683K5RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C683K5RACTU
Description  Ceramic, Commercial-(CxxxxC), 0.068 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C683K5RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C683K5RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - df859bc4-b47f-4109-b98f-d1d2be55b46b
KEMET Part Number: C0805C683K5RACTU
(C0805C683K5RAC7800)
Ceramic, Commercial-(CxxxxC), 0.068 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.9mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0805
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.068 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 14.706 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C683K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C683K5RACAUTO KEMET-C0805C683K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.068 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results

Similar Description - C0805C683K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C683K1RACTU KEMET-C0805C683K1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.068 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C683K5RACTU KEMET-C1206C683K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.068 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C473K5RACTU KEMET-C0805C473K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C223K5RACTU KEMET-C0805C223K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.022 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C104K5RACTU KEMET-C0805C104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C153K5RACTU KEMET-C0805C153K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.015 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C103K5RALTU KEMET-C0805C103K5RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C563K5RACTU KEMET-C0805C563K5RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.056 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C474K5RACTU KEMET-C0805C474K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.47 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C105K5RACTU KEMET-C0805C105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com