Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANTX150P001B50003 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # ANTX150P001B50003
Description  WIRELESS COMPONENTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANTX150P001B50003 Datasheet(HTML) 2 Page - YAGEO Corporation

  ANTX150P001B50003 Datasheet HTML 1Page - YAGEO Corporation ANTX150P001B50003 Datasheet HTML 2Page - YAGEO Corporation ANTX150P001B50003 Datasheet HTML 3Page - YAGEO Corporation ANTX150P001B50003 Datasheet HTML 4Page - YAGEO Corporation ANTX150P001B50003 Datasheet HTML 5Page - YAGEO Corporation ANTX150P001B50003 Datasheet HTML 6Page - YAGEO Corporation ANTX150P001B50003 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.yageo.com
Oct. 8, 2013 V0
Wireless Components
2
7
Product specification
PCB Type Antenna
FEATURES & BENEFITS
The smallest PCB antenna in
the market
Miniature design allows users
to save required space
Double-side adhesive tape
makes it easy to instal in
device
Ranges of types of connector
and cable provide a flexible
design options
Halogen free and RoHS
compliant
APPLICATIONS
Tablet / Desktop PC
Internet TV / STB /
Game console / Camera
WiFi network devices
(IEEE 802.11b/g/n)
Bluetooth / ZigBee devices
Car Infotainment
Smart meter
Lighting control
POS terminal
Wireless Industrial Control
ORDERING INFORMATION- GLOBAL PART NUMBER, PHYCOMP
CTC & 12NC
All part numbers are identified by the series, packing type, material, size,
antenna type, working frequency and packing quantity.
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
ANT X150 P 001 B 5000 3
(1)
(2)
(3) (4) (5)
(6)
(7)
(1) FAMILY
ANT = Antenna products
(2) CONNECTOR & CABLE LENGTH (MM)
X = I-PEX
150 = 150mm
(3) ANTENNA TYPE
P=PCB
(4) SERIAL NUMBER
001 = SERIAL NUMBER 001
(5) PACKAGE TYPE
B = Bulk
(6) WORKING FREQUENCY
5000=5.150~5.875 GHz
(7) CABLE TYPE
3 = 1.13mm diameter Mini-Coaxial Cable


Similar Part No. - ANTX150P001B50003

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX150P001B15163 YAGEO-ANTX150P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX150P001B24553 YAGEO-ANTX150P001B24553 Datasheet
506Kb / 8P
   WIRELESS COMPONENTS
ANTX150P001BWPEN3 YAGEO-ANTX150P001BWPEN3 Datasheet
527Kb / 11P
   WIRELESS COMPONENTS
More results

Similar Description - ANTX150P001B50003

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com