Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

200LLE8R2MEFC8X9 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 200LLE8R2MEFC8X9
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

200LLE8R2MEFC8X9 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  200LLE8R2MEFC8X9 Datasheet HTML 1Page - RUBYCON CORPORATION 200LLE8R2MEFC8X9 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
160
200
250
5.6
10
15
22
33
2.2
3.3
4.7
5.6
6.8
8.2
10
12
18
27
1.8
2.2
3.3
4.7
5.6
6.8
8.2
10
12
18
6.3×11
8×9
8×11.5
10×9
10×12.5
10×16
6.3×11
6.3×11
6.3×11
8×9
8×9
8×9
8×11.5
10×9
10×12.5
10×16
6.3×11
6.3×11
6.3×11
8×9
8×11.5
8×11.5
10×9
10×12.5
10×12.5
10×16
52
70
92
95
121
158
36
42
49
56
62
66
80
88
113
149
33
36
42
53
62
68
76
90
97
127
104
133
174
180
217
284
72
84
98
112
117
125
152
167
214
268
66
72
84
106
124
129
144
171
184
241
φD
φd
F
6.3
0.5
2.5
8
3.5
10 12.5
5
16
18
7.5
0.8
0.6
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
LLE
400
450
1
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
6.8
4.7
6.8
8.2
10
15
22
33
47
68
6.3×11
8×9
8×9
8×9
8×9
8×11.5
8×11.5
8×11.5
10×9
10×12.5
10×12.5
10×16
10×16
10×20
10×20
10×20
12.5×20
12.5×25
12.5×25
16×20
16×25
18×20
18×25
18×31.5
24
28
30
33
36
40
43
47
48
57
61
85
54
66
84
84
135
180
240
292
392
312
480
520
48
56
60
66
72
80
86
94
96
114
122
161
180
220
280
280
450
600
600
730
980
780
1200
1300
◆STANDARD SIZE
Rated Ripple Current
(mA r.m.s., 105℃)
120Hz
100kHz
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
Rated Ripple Current
(mA r.m.s., 105℃)
120Hz
100kHz
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)


Similar Part No. - 200LLE8R2MEFC8X9

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
200LLE10MEFC8X11.5 RUBYCON-200LLE10MEFC8X11.5 Datasheet
175Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
200LLE18MEFC10X12.5 RUBYCON-200LLE18MEFC10X12.5 Datasheet
121Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 200LLE8R2MEFC8X9

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com