Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25ZLJ680M10X16 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # 25ZLJ680M10X16
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

25ZLJ680M10X16 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  25ZLJ680M10X16 Datasheet HTML 1Page - RUBYCON CORPORATION 25ZLJ680M10X16 Datasheet HTML 2Page - RUBYCON CORPORATION 25ZLJ680M10X16 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
◆STANDARD SIZE
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
63
80
18
47
82
100
100
120
120
150
150
180
180
220
270
270
330
330
330
390
390
470
470
560
560
680
680
820
820
820
1000
1000
1200
1200
1500
1500
1800
1800
2200
2200
2700
5×11
6.3×11
8×11.5
8×11.5
8×16
8×16
10×12.5
8×20
10×12.5
8×20
10×16
10×16
10×20
12.5×16
10×20
10×25
12.5×16
10×25
12.5×20
12.5×20
12.5×25
12.5×30
16×20
12.5×25
12.5×35
12.5×30
16×20
16×25
12.5×35
16×25
12.5×40
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
240
420
720
1000
990
1300
990
1200
1300
1600
1200
1700
1570
1570
2000
1990
1900
2400
1990
2400
2460
2760
2380
2800
3040
3200
2900
2890
3500
3200
3800
3000
3500
3200
3800
3700
4100
3900
4300
0.71
0.28
0.18
0.13
0.13
0.095
0.11
0.096
0.08
0.069
0.076
0.058
0.056
0.072
0.042
0.046
0.045
0.035
0.041
0.033
0.031
0.028
0.032
0.025
0.024
0.022
0.025
0.025
0.018
0.02
0.021
0.032
0.02
0.024
0.017
0.02
0.015
0.017
0.015
3.2
1.3
0.79
0.39
0.58
0.29
0.44
0.43
0.24
0.21
0.31
0.17
0.23
0.27
0.13
0.19
0.14
0.11
0.13
0.099
0.093
0.084
0.096
0.075
0.072
0.066
0.075
0.075
0.054
0.06
0.063
0.096
0.06
0.072
0.051
0.06
0.045
0.051
0.045
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
100
12
27
47
56
68
82
100
150
150
180
220
270
330
330
390
470
470
470
560
680
680
820
820
1000
1200
8.2
18
33
47
56
68
82
100
100
120
150
220
270
270
330
390
390
390
470
470
560
560
680
680
820
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
16×35.5
18×25
16×40
18×31.5
18×35.5
18×40
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
220
370
620
780
780
1040
1040
1430
1430
1620
1750
2210
2400
1950
2600
2860
2430
2270
2640
2860
2500
3510
2860
3510
3860
220
370
620
780
780
1040
1040
1430
1430
1620
1750
2210
2400
1950
2600
2860
2430
2270
2640
2500
2860
2860
3510
3510
3860
1.2
0.46
0.29
0.2
0.17
0.16
0.11
0.084
0.11
0.069
0.062
0.047
0.042
0.048
0.036
0.032
0.038
0.045
0.032
0.029
0.036
0.027
0.03
0.027
0.026
1.2
0.46
0.29
0.2
0.17
0.16
0.11
0.084
0.11
0.069
0.062
0.047
0.042
0.048
0.036
0.032
0.038
0.045
0.032
0.036
0.029
0.03
0.027
0.027
0.026
5.4
2.1
1.3
0.9
0.66
0.66
0.47
0.34
0.34
0.28
0.18
0.14
0.13
0.15
0.11
0.095
0.12
0.14
0.095
0.086
0.11
0.081
0.09
0.081
0.076
5.4
2.1
1.3
0.9
0.66
0.66
0.47
0.34
0.34
0.28
0.18
0.14
0.13
0.15
0.11
0.095
0.12
0.14
0.095
0.11
0.086
0.09
0.081
0.081
0.076


Similar Part No. - 25ZLJ680M10X16

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25ZLJ1000M10X20 RUBYCON-25ZLJ1000M10X20 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25ZLJ390M8X16 RUBYCON-25ZLJ390M8X16 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25ZLJ560M8X20 RUBYCON-25ZLJ560M8X20 Datasheet
141Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 25ZLJ680M10X16

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com