Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC534 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # HC534
Description  Octal 3-State Inverting D Flip-Flop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC534 Datasheet(HTML) 3 Page - System Logic Semiconductor

  HC534 Datasheet HTML 1Page - System Logic Semiconductor HC534 Datasheet HTML 2Page - System Logic Semiconductor HC534 Datasheet HTML 3Page - System Logic Semiconductor HC534 Datasheet HTML 4Page - System Logic Semiconductor HC534 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SL74HC534
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.1 V or VCC-0.1 V
I
OUT
≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -Level
Input Voltage
VOUT=0.1 V or VCC-0.1 V
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VOH
Minimum High-Level
Output Voltage
VIN=VIH or VIL
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH or VIL
I
OUT
 ≤ 6.0 mA
I
OUT
 ≤ 7.8 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-Level
Output Voltage
VIN= VIL or VIH
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN= VIL or VIH
I
OUT
 ≤ 6.0 mA
I
OUT
 ≤7.8 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
IOZ
Maximum Three State
Leakage Current
Output in High-Impedance
State
VIN =VIH or VIL
VOUT= VCC or GND
6.0
±0.5
±5.0
±10
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0
µA
6.0
4.0
40
160
µA


Similar Part No. - HC534

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HC53 EUROQUARTZ-HC53 Datasheet
189Kb / 2P
   Dual Frequency Selectable Oscillator
logo
Connor-Winfield Corpora...
HC53R5 CONNOR-WINFIELD-HC53R5 Datasheet
55Kb / 1P
   HCMOS/TTL COMPATIBLE
HC53RA CONNOR-WINFIELD-HC53RA Datasheet
59Kb / 1P
   3.3V, 14 PIN DIP HCMOS ENABLE/DISABLE
More results

Similar Description - HC534

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
   Octal 3-State Inverting D Flip-Flop
logo
Motorola, Inc
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
   Octal 3-State Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
   Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
logo
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
STMicroelectronics
M74HC534 STMICROELECTRONICS-M74HC534 Datasheet
406Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com