Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54424 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54424
Description  4.5-V to 17-V Input, 4-A Synchronous SWIFT Step-Down Converter with Current Mode Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54424 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54424 Datasheet HTML 3Page - Texas Instruments TPS54424 Datasheet HTML 4Page - Texas Instruments TPS54424 Datasheet HTML 5Page - Texas Instruments TPS54424 Datasheet HTML 6Page - Texas Instruments TPS54424 Datasheet HTML 7Page - Texas Instruments TPS54424 Datasheet HTML 8Page - Texas Instruments TPS54424 Datasheet HTML 9Page - Texas Instruments TPS54424 Datasheet HTML 10Page - Texas Instruments TPS54424 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
TPS54424
www.ti.com
SLVSDV8 – JULY 2017
Product Folder Links: TPS54424
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Characterized. Not production tested.
(2)
Specified by design.
6.6 Switching Characteristics
TJ = -40°C to 150°C, V(VIN) = 4.5 V to 17 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN
EN to start of switching
135
µs
PGOOD
Deglitch time PGOOD going high
272
Cycles
Deglitch time PGOOD going low
16
Cycles
SW
ton_min
Minimum on time (1)
Measured at 50% to 50% of VIN, L = 1.5 µH,
IOUT = 0 A
90
130
ns
toff_min
Minimum off time (2)
V(BOOT-SW) ≥ 2.6 V
0
ns
RT/CLK
fsw_min
Minimum switching frequency (RT mode)
R(RT/CLK) = 250 kΩ
200
kHz
Switching frequency (RT mode)
R(RT/CLK) = 100 kΩ
450
500
550
kHz
fsw_max
Maximum switching frequency (RT mode)
R(RT/CLK) = 30.1 kΩ
1.6
MHz
fsw_clk
Switching frequency synchronization range
(PLL mode)
200
1600
kHz
RT/CLK falling edge to SW rising edge
delay (PLL mode)
Measure at 500kHz with RT resistor in
series with RT/CLK
70
ns
HICCUP
Wait time before hiccup
512
Cycles
Hiccup time before restart
16384
Cycles
6.7 Timing Requirements
TJ = -40°C to 150°C, V(VIN) = 4.5 V to 17 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
Minimum synchronization signal pulse width
(PLL mode)
35
ns


Similar Part No. - TPS54424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54425 TI-TPS54425 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425PWP TI-TPS54425PWP Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425PWPR TI-TPS54425PWPR Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_15 Datasheet
1Mb / 25P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
More results

Similar Description - TPS54424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com