Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A3901DSCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3901DSCT
Description  Dual, 150-mA, Wide VIN Positive and Negative LDO Voltage Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3901DSCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A3901DSCT Datasheet HTML 2Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 3Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 4Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 5Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 6Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 7Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 8Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 9Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
TPS7A39
SBVS263 – JULY 2017
www.ti.com
Product Folder Links: TPS7A39
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
To ensure VOUT does not drift up while the device is disabled, a minimum load current of 5 µA is required.
(2)
VOUT(target) = 0 V, R1N = 10 kΩ, R2N = open.
(3)
The device is not tested under conditions where the power dissipated across the device, PD, exceeds 2 W.
6.5 Electrical Characteristics
at TJ = –40°C to +125°C, VINP(nom) = VOUTP(nom) + 1 V or VIN(nom) = 3.3 V (whichever is greater), VINN(nom) = VOUTN(nom) – 1 V or
VINN(nom) = –3.3 V (whichever is less), VEN = VINP, IOUT = 1 mA, CINx = 2.2 μF, COUTx = 10 μF, CFFx = CNR/SS = open, R1N = R2N =
10 kΩ, and FBP tied to OUTP (unless otherwise noted); typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VINP
Input voltage range, positive channel
3.3
33
V
VINN
Input voltage range, negative channel
–33
–3.3
V
VUVLOP(rising)
Undervoltage lockout threshold,
positive channel
VINP rising, VINN = –3.3 V
1.76
2.82
V
VUVLOP(hys)
Undervoltage lockout threshold, positive
channel hysteresis
VINP falling, VINN = –3.3 V
150
mV
VUVLON(falling)
Undervoltage lockout threshold,
negative channel
VINN falling, VINP = 3.3 V
–2.89
–1.62
V
VUVLON(hys)
Undervoltage lockout threshold, negative
channel, hysteresis
VINN rising, VINP = 3.3 V
150
mV
VNR/SS
Internal reference voltage
1.176
1.188
1.212
V
VFBP
Positive feedback voltage
1.1
1.185
1.25
V
VFBN
Negative feedback voltage
–10
0
10
mV
VOUT
Output voltage range(1)
Positive channel
VFBP
30
V
Negative channel
–30
VFBN
(2)
Nominal VOUT accuracy, both channels
TJ = 25°C
–1.5
1.5
%VOUT
Overall VOUT accuracy, both channels
(3)
|VINx(nom)| ≤ |VINx| ≤ 33 V, 1 mA ≤ |IOUTx| ≤ 150 mA,
1.2 V
≤ |VOUTX(nom)| ≤ 30 V
–2.5
2.5
%VOUT
Negative VOUT channel accuracy
–33 V
≤ VINN ≤ VINN(nom) , –150 mA ≤ IOUTN
1 mA, –1.2 V < VOUTN(nom) ≤ 0 V
–30
30
mV
ΔVOUT(ΔVIN) /
VOUT(NOM)
Line regulation, both channels
|VINx(nom)| ≤ |VINx| ≤ 33 V
0.11
%VOUT
ΔVOUT(ΔIOUT) /
VOUT(NOM)
Load regulation, both channels
1 mA
≤ |IOUTx| ≤ 150 mA
0.04
%VOUT
VDO
Dropout voltage
Positive channel
IOUTP = 50 mA, 3.3 V ≤ VINP(nom) ≤ 33.0 V,
VFBP = 1.070 V
270
mV
IOUTP = 150 mA, 3.3 V ≤ VINP(nom) ≤ 33.0 V,
VFBP = 1.070 V
238
500
Negative channel
IOUTN = 50 mA, -3.3 V ≤ VINN(nom) ≤ -33.0 V,
VFBN = 0.0695 V
–220
IOUTN = 150 mA, -3.3 V ≤ VINN(nom) ≤ -33.0 V,
VFBN = 0.0695 V
–400
–310
VBUF
Buffered reference output voltage
VNR/SS
V
VBUF/IBUF
Buffered reference load regulation
IBUF = 100 μA to 1 mA
1
mV/mA
VBUF – VNR/SS
Output buffer offset voltage
VNR/SS = 0.25 V to 1.2 V
–6
6
mV
VOUTP–VOUTN
DC output voltage difference with a forced
REF voltage
VNR/SS = 0.25 V to 1.2 V
–10
10
%VNR/SS
ILIM
Current limit
Positive channel
VOUTP = 90% VOUTP(nom)
200
300
500
mA
Negative channel
VOUTN = 90% VOUTN(nom)
–500
–300
–200
ISUPPLY
Supply current
Positive channel
IOUTP = 0 mA, R2N = open
75
150
µA
IOUTP = 150mA, R2N = open
904
Negative channel
IOUTN = 0 mA, VOUTN(nom)= 0 V, R2N = open
–150
–75
IOUTN = 150 mA, R2N = open
–1053
ISHDN
Shutdown supply current
Positive channel
VEN = 0.4 V, 3.3 V ≤ |VINx| ≤ 33 V
3.5
6.5
µA
Negative channel
0.8
3
IFBx
Feedback pin leakage
current
Positive channel
3
100
nA
Negative channel
–100
–3
INR/SS
Soft-start charging current
VNR/SS = 0.9 V
3
4.7
6.7
µA
IEN
Enable pin leakage current
VEN = VINP = 3.3 V
0.02
1
µA
VEN = VINP = 33 V
0.2
1


Similar Part No. - TPS7A3901DSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A3001DGNR TI-TPS7A3001DGNR Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
More results

Similar Description - TPS7A3901DSCT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com