Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3710QDSERQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3710QDSERQ1
Description  Wide VIN Voltage Detector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3710QDSERQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3710QDSERQ1 Datasheet HTML 3Page - Texas Instruments TPS3710QDSERQ1 Datasheet HTML 4Page - Texas Instruments TPS3710QDSERQ1 Datasheet HTML 5Page - Texas Instruments TPS3710QDSERQ1 Datasheet HTML 6Page - Texas Instruments TPS3710QDSERQ1 Datasheet HTML 7Page - Texas Instruments TPS3710QDSERQ1 Datasheet HTML 8Page - Texas Instruments TPS3710QDSERQ1 Datasheet HTML 9Page - Texas Instruments TPS3710QDSERQ1 Datasheet HTML 10Page - Texas Instruments TPS3710QDSERQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Positive-Going Input Threshold Overdrive (%)
2.5
4
5.5
7
8.5
10
11.5
13
14.5
0
2
4
6
8
10
12
14
16
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
14
16
18
20
22
24
26
28
30
VDD = 1.8 V
VDD = 18 V
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
3
4
5
6
7
8
9
VDD = 1.8 V
VDD = 5 V
VDD = 12 V
VDD = 18 V
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
9
11
13
15
17
19
21
23
25
VDD = 1.8 V
VDD = 18 V
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10
TJ = -40°C
TJ = 0°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
399
399.4
399.8
400.2
400.6
401
VDD = 1.8 V
VDD = 5 V
VDD = 12 V
VDD = 18 V
7
TPS3710-Q1
www.ti.com
SBVS341 – JULY 2017
Product Folder Links: TPS3710-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics
at TJ = 25°C and VDD = 5 V (unless otherwise noted)
Figure 2. Supply Current (IDD) vs Supply Voltage (VDD)
Figure 3. Rising Input Threshold Voltage (VIT+) vs
Temperature
Figure 4. Hysteresis (Vhys) vs Temperature
Figure 5. Propagation Delay vs Temperature
(High-to-Low Transition at Sense)
Figure 6. Propagation Delay vs Temperature
(Low-to-High Transition at Sense)
SENSE = negative spike below VIT–
Figure 7. Minimum Pulse Width vs
Threshold Overdrive Voltage


Similar Part No. - TPS3710QDSERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCR TI1-TPS3710DDCR Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCT TI1-TPS3710DDCT Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DSER TI1-TPS3710DSER Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DSET TI1-TPS3710DSET Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
More results

Similar Description - TPS3710QDSERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
[Old version datasheet]   Wide VIN 1.5-A Fixed Voltage Regulator
logo
ON Semiconductor
NCP4672 ONSEMI-NCP4672 Datasheet
63Kb / 8P
   Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
February, 2004 ??Rev. 4
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com