Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62585 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62585
Description  3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62585 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV62585 Datasheet HTML 4Page - Texas Instruments TLV62585 Datasheet HTML 5Page - Texas Instruments TLV62585 Datasheet HTML 6Page - Texas Instruments TLV62585 Datasheet HTML 7Page - Texas Instruments TLV62585 Datasheet HTML 8Page - Texas Instruments TLV62585 Datasheet HTML 9Page - Texas Instruments TLV62585 Datasheet HTML 10Page - Texas Instruments TLV62585 Datasheet HTML 11Page - Texas Instruments TLV62585 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
R1
200 k
R2
100 k
SW
AGND
FB
EN
PG
VIN
C3*
C2
10 µF
R3
1 M
C1
10 µF
VIN
2.5 V to 5.5 V
VOUT
1.8 V / 3.0 A
L1
1.0 µH
C3: Optional
TLV62585
Copyright Ú 2016, Texas Instruments Incorporated
VPG
PGND
8
TLV62585
SLVSDE5A – JULY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV62585
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV62585 is a synchronous step-down converter in which output voltage is adjusted by component
selection. The following section discusses the design of the external components to complete the power supply
design for several input and output voltage options by using typical applications as a reference.
8.2 Typical Application
Figure 4. 1.8-V Output Voltage Application
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
2.5 V to 5.5 V
Output voltage
1.8 V
Maximum output current
3 A
(1)
See Third-Party Products disclaimer.
Table 3 lists the components used for the example.
Table 3. List of Components(1)
REFERENCE
DESCRIPTION
MANUFACTURER
C1
10 µF, Ceramic capacitor, 10 V, X7R, size 0805, GRM21BR71A106ME51
Murata
C2
22 µF, Ceramic capacitor, 6.3 V, X7T, size 0805, GRM21BD70J226ME44
Murata
C3
Optional
Std
L1
1 µH, Power Inductor, size 4 mm × 4 mm × 1.5 mm, XFL4020-102ME
Coilcraft
R1
Depending on the output voltage, 1%, size 0603;
Std
R2
100 kΩ, Chip resistor, 1/16 W, 1%, size 0603;
Std
R3
1 MΩ, Chip resistor, 1/16 W, 1%, size 0603
Std


Similar Part No. - TLV62585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62585 TI1-TLV62585 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585 TI1-TLV62585 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
TLV62585DRL TI1-TLV62585DRL Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
TLV62585DRLR TI1-TLV62585DRLR Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585DRLR TI1-TLV62585DRLR Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
More results

Similar Description - TLV62585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585_018 TI1-TLV62585_018 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS61170 TI-TPS61170_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com