Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3100F14S-29SBSN-0 Datasheet(PDF) 2 Page - DDK Ltd.

Part # DMS3100F14S-29SBSN-0
Description  MIL-DTL-5015 Compatible Environment Resistant Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3100F14S-29SBSN-0 Datasheet(HTML) 2 Page - DDK Ltd.

  DMS3100F14S-29SBSN-0 Datasheet HTML 1Page - DDK Ltd. DMS3100F14S-29SBSN-0 Datasheet HTML 2Page - DDK Ltd. DMS3100F14S-29SBSN-0 Datasheet HTML 3Page - DDK Ltd. DMS3100F14S-29SBSN-0 Datasheet HTML 4Page - DDK Ltd. DMS3100F14S-29SBSN-0 Datasheet HTML 5Page - DDK Ltd. DMS3100F14S-29SBSN-0 Datasheet HTML 6Page - DDK Ltd. DMS3100F14S-29SBSN-0 Datasheet HTML 7Page - DDK Ltd. DMS3100F14S-29SBSN-0 Datasheet HTML 8Page - DDK Ltd. DMS3100F14S-29SBSN-0 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Unit:mm
http://www.ddknet.co.jp
D/MS E/F/R Series
2
○ D/MS E/F/R Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
Specification
Structural Explanation
Ferrule
Ferrule
Wall Receptacle Connector
D/MS3100E □□□□ - □□ P □ - □
Straight Plug Connector
D/MS3106 □□□□□ - □□ S □ - □
Grommet
Grommet
Pin Contact
Socket Contact
Pin Insert
Socket Insert
Wall Receptacle Shell
Straight Plug Shell
Backshell
Coupling Ring
Backshell
Insulation Resistance
More than 500M Ω at DC500V (at 25℃ degree)
Temperature Range
-55℃ to +125℃
Durability
500 cycle mating / unmating operatings
Thermal Shock
MIL-STD-202 method 107
Temperature range of -55℃ to +125℃
Humidity
Relative humidity : 95% ±3%
Temperature : 71℃ ±2℃
Duration : 14 days(336hrs.)
Vibration
MIL-STD-1344 method 2005
10-500Hz or 10G units
Shock,
Electrical
1-2 sine wave transient shock impulse of 50G units
Duration: 10 micro sec(There must not be current interception.)
Test Current / 100mA
Salt Spray
MIL-STD-1344 method 1001
Salt solution / 5%
Temperature in tank / 35℃
Duration: 48H


Similar Part No. - DMS3100F14S-29SBSN-0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100F14S DDK-DMS3100F14S Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3100F14S-29SBSN-0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Glenair, Inc.
947-371 GLENAIR-947-371 Datasheet
266Kb / 2P
   MIL-DTL-5015 Type Hermetic Receptacle
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com