Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5467 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5467
Description  Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5467 Datasheet(HTML) 1 Page - Seme LAB

  2N5467 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N5467
Bipolar NPN Device.
V
CEO =
400V
I
C = 3A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
400
V
I
C(CONT)
3
A
h
FE
@ (V
CE / IC)
60
-
f
t
2.5M
Hz
P
D
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - 2N5467

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N5467 ISC-2N5467 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2N5467 SAVANTIC-2N5467 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
2N5467 SAVANTIC-2N5467 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N5467

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2S303A SEME-LAB-2S303A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
2N5095 SEME-LAB-2N5095 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
SF_BUX49 SEME-LAB-SF_BUX49 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
SF_BUY81 SEME-LAB-SF_BUY81 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
SF_2N5148 SEME-LAB-SF_2N5148 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
2N3724 SEME-LAB-2N3724 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
BC323 SEME-LAB-BC323 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
IRFF034 SEME-LAB-IRFF034 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
BFX17 SEME-LAB-BFX17 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
BFT60 SEME-LAB-BFT60 Datasheet
11Kb / 1P
   Bipolar NPN Device in A Hermetically sealed TO39 Metal Package
SF_2N2891 SEME-LAB-SF_2N2891 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com