Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C154K5NACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C154K5NACTU
Description  Ceramic, 150C-(CxxxxC), 0.15 uF, 10%, 50 V, 0805, X8L, SMD, MLCC, High Temperature, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C154K5NACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C154K5NACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - f9cfe900-7dc9-4ecd-8d3f-eac9f569b156
KEMET Part Number: C0805C154K5NACTU
(C0805C154K5NAC7800)
Ceramic, 150C-(CxxxxC), 0.15 uF, 10%, 50 V, 0805, X8L, SMD, MLCC, High Temperature, Temperature Stable
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
1.25mm +/-0.15mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Style: SMD Chip
Series: 150C-(CxxxxC)
Chip Size: 0805
Description: SMD, MLCC, High Temperature,
Temperature Stable
Features: High Temperature, Temperature
Stable
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X8L
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.15 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+150C
Temperature Coefficient: X8L
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 3.333 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C154K5NACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C154K5RACAUTO KEMET-C0805C154K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.15 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C154K5RACTU KEMET-C0805C154K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.15 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0805C154K5NACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C224K5NACTU KEMET-C0805C224K5NACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.22 uF, 10%, 50 V, 0805, X8L, SMD, MLCC, High Temperature, Temperature Stable
C0805C105K8NACTU KEMET-C0805C105K8NACTU Datasheet
70Kb / 1P
   Ceramic, 150C-(CxxxxC), 1 uF, 10%, 10 V, 0805, X8L, SMD, MLCC, High Temperature, Temperature Stable
C0603C154K3NACTU KEMET-C0603C154K3NACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.15 uF, 10%, 25 V, 0603, X8L, SMD, MLCC, High Temperature, Temperature Stable
C0805C274K3NACTU KEMET-C0805C274K3NACTU Datasheet
72Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.27 uF, 10%, 25 V, 0805, X8L, SMD, MLCC, High Temperature, Temperature Stable
C0805C684K3NACTU KEMET-C0805C684K3NACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.68 uF, 10%, 25 V, 0805, X8L, SMD, MLCC, High Temperature, Temperature Stable
C1206C474K5NACTU KEMET-C1206C474K5NACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.47 uF, 10%, 50 V, 1206, X8L, SMD, MLCC, High Temperature, Temperature Stable
C1210C105K5NACTU KEMET-C1210C105K5NACTU Datasheet
70Kb / 1P
   Ceramic, 150C-(CxxxxC), 1 uF, 10%, 50 V, 1210, X8L, SMD, MLCC, High Temperature, Temperature Stable
C1210C474K5NACTU KEMET-C1210C474K5NACTU Datasheet
72Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.47 uF, 10%, 50 V, 1210, X8L, SMD, MLCC, High Temperature, Temperature Stable
C1210C106K8NACTU KEMET-C1210C106K8NACTU_17 Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 10 uF, 10%, 10 V, 1210, X8L, SMD, MLCC, High Temperature, Temperature Stable
C0402C473K8NACTU KEMET-C0402C473K8NACTU Datasheet
71Kb / 1P
   Ceramic, 150C-(CxxxxC), 0.047 uF, 10%, 10 V, 0402, X8L, SMD, MLCC, High Temperature, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com