Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2194 Datasheet(PDF) 1 Page - Seme LAB

Part No. 2N2194
Description  Bipolar NPN Device in a Hermetically sealed TO39 Metal Package.
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

   
 1 page
background image
2N2194
Bipolar NPN Device.
V
CEO =
40V
I
C = 1.0A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
1.0
A
h
FE
@ (V
CE / IC)
-
f
t
50M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SF_2N5092Bipolar NPN Device in a Hermetically sealed TO39 Metal Package. 1 Seme LAB
BUX50Bipolar NPN Device in a Hermetically sealed TO39 Metal Package. 1 Seme LAB
SF_2N5466Bipolar NPN Device in a Hermetically sealed TO39 Metal Package. 1 Seme LAB
SF_2N2218Bipolar NPN Device in a Hermetically sealed TO39 Metal Package. 1 Seme LAB
BFY56BBipolar NPN Device in a Hermetically sealed TO39 Metal Package. 1 Seme LAB
2N4001Bipolar NPN Device in a Hermetically sealed TO39 Metal Package. 1 Seme LAB
BFT40Bipolar NPN Device in a Hermetically sealed TO39 Metal Package. 1 Seme LAB
SF_BUX52Bipolar NPN Device in a Hermetically sealed TO39 Metal Package. 1 Seme LAB
2N3440SBipolar NPN Device in a Hermetically sealed TO39 Metal Package. Bipolar NPN Device. 1 Seme LAB
SF_2N4896Bipolar NPN Device in a Hermetically sealed TO39 Metal Package 1 Seme LAB

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl