Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDI047AN08A0 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDI047AN08A0
Description  N-Channel PowerTrench MOSFET 75V, 80A, 4.7m?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDI047AN08A0 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDI047AN08A0 Datasheet HTML 2Page - Fairchild Semiconductor FDI047AN08A0 Datasheet HTML 3Page - Fairchild Semiconductor FDI047AN08A0 Datasheet HTML 4Page - Fairchild Semiconductor FDI047AN08A0 Datasheet HTML 5Page - Fairchild Semiconductor FDI047AN08A0 Datasheet HTML 6Page - Fairchild Semiconductor FDI047AN08A0 Datasheet HTML 7Page - Fairchild Semiconductor FDI047AN08A0 Datasheet HTML 8Page - Fairchild Semiconductor FDI047AN08A0 Datasheet HTML 9Page - Fairchild Semiconductor FDI047AN08A0 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2004 Fairchild Semiconductor Corporation
FDP047AN08A0 / FDI047AN08A0 / FDH047AN08A0 Rev. C
PSPICE Electrical Model
.SUBCKT FDP047AN08A0 2 1 3 ;
rev March 2002
CA 12 8 1.5e-9
CB 15 14 1.5e-9
CIN 6 8 6.4e-9
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 82.3
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 4.81e-9
LSOURCE 3 7 4.63e-9
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 9e-4
RGATE 9 20 1.36
RLDRAIN 2 5 10
RLGATE 1 9 48.1
RLSOURCE 3 7 46.3
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 2.3e-3
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*250),10))}
.MODEL DBODYMOD D (IS = 2.4e-11 N = 1.04 RS = 1.76e-3 TRS1 = 2.7e-3 TRS2 = 2e-7 XTI=3.9 CJO = 4.35e-9 TT = 1e-8
M = 5.4e-1)
.MODEL DBREAKMOD D (RS = 1.5e-1 TRS1 = 1e-3 TRS2 = -8.9e-6)
.MODEL DPLCAPMOD D (CJO = 1.35e-9 IS = 1e-30 N = 10 M = 0.53)
.MODEL MMEDMOD NMOS (VTO = 3.7 KP = 9 IS =1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 1.36)
.MODEL MSTROMOD NMOS (VTO = 4.4 KP = 250 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL MWEAKMOD NMOS (VTO = 3.05 KP = 0.03 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 1.36e1 RS = 0.1)
.MODEL RBREAKMOD RES (TC1 = 1.05e-3 TC2 = -9e-7)
.MODEL RDRAINMOD RES (TC1 = 1.9e-2 TC2 = 4e-5)
.MODEL RSLCMOD RES (TC1 = 1.3e-3 TC2 = 1e-5)
.MODEL RSOURCEMOD RES (TC1 = 1e-3 TC2 = 1e-6)
.MODEL RVTHRESMOD RES (TC1 = -6e-3 TC2 = -1.9e-5)
.MODEL RVTEMPMOD RES (TC1 = -2.4e-3 TC2 = 1e-6)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -4.0 VOFF= -1.5)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -1.5 VOFF= -4.0)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -1.0 VOFF= 0.5)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 0.5 VOFF= -1.0)
.ENDS
Note: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank
Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6


Similar Part No. - FDI047AN08A0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDI047AN08A0 ISC-FDI047AN08A0 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDI047AN08A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP047AN08A0 FAIRCHILD-FDP047AN08A0 Datasheet
246Kb / 10P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.7m?
FDP060AN08A0 FAIRCHILD-FDP060AN08A0 Datasheet
252Kb / 11P
   N-Channel PowerTrench MOSFET 75V, 80A, 6.0m?
logo
ON Semiconductor
FDB045AN08A0-F085 ONSEMI-FDB045AN08A0-F085 Datasheet
770Kb / 12P
   N-Channel PowerTrench® MOSFET 75V, 80A, 4.5m
September-2017, Rev. 1
logo
E-CMOS Corporation
EC7375N75 E-CMOS-EC7375N75 Datasheet
679Kb / 7P
   75V, 80A N-Channel MOSFET
logo
Fairchild Semiconductor
FDP047N08 FAIRCHILD-FDP047N08 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 164A, 4.7m廓
logo
Unisonic Technologies
UTT80N75 UTC-UTT80N75 Datasheet
133Kb / 3P
   80A, 75V N-CHANNEL POWER MOSFET
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
   80A, 75V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
logo
HY ELECTRONIC CORP.
HY80N075T HY-HY80N075T Datasheet
244Kb / 4P
   75V / 80A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com