Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1046 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # KTA1046
Description  Silicon PNP transistor in a TO-220F Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTA1046 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTA1046 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1046 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1046 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1046 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1046 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1046 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KTA1046
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-7.0
V
Collector Current - Continuous
IC
-3.0
A
Base Current
IB
-0.5
A
Collector Power Dissipation
PC
2.0
W
Collector Power Dissipation
PC(Tc=25 )
25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=-50mA
IB=0
-60
V
Collector Cut-Off Current
ICBO
VCB=-60V
IE=0
-100
μA
Emitter Cut-Off Current
IEBO
VEB=-7.0V
IC=0
-100
μA
DC Current Gain
hFE(1)
VCE=-5.0V
IC=-0.5A
100
300
hFE(2)
VCE=-5.0V
IC=-3.0A
20
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-2.0A
IB=-0.2A
-0.25
-1.0
V
Collector to Emitter Voltage
VBE
VCE=-5.0V
IC=-0.5A
-0.7
-1.0
V
Transition Frequency
fT
VCE=-5.0V
IC=-0.5A
30
MHz
Collector output capacitance
Cob
VCB=-10V
IE=0
f=1.0MHz
45
pF
Turn-On Time
ton
IC=10IB1=-10IB2=-2.0AVC
C=-30V
0.4
μS
Storage Time
tstg
1.7
Fall Time
tf
0.5
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - KTA1046

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1046 KEC-KTA1046 Datasheet
338Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (INDUSTRIAL USE, GENERAL PURPOSE)
KTA1046 KEC-KTA1046 Datasheet
687Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1046 KEC-KTA1046 Datasheet
687Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
KTA1046 ISC-KTA1046 Datasheet
277Kb / 2P
   isc Silicon PNP Power Transistors
logo
Guangdong Kexin Industr...
KTA1046-G KEXIN-KTA1046-G Datasheet
1Mb / 2P
   PNP Transistors
More results

Similar Description - KTA1046

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SB940 FOSHAN-2SB940 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1375 FOSHAN-2SB1375 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1565 FOSHAN-2SB1565 Datasheet
744Kb / 5P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB941 FOSHAN-2SB941 Datasheet
826Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA940A FOSHAN-2SA940A Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA2050 FOSHAN-2SA2050 Datasheet
846Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA1668 FOSHAN-2SA1668 Datasheet
879Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1185 FOSHAN-2SB1185 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
3CA1837 FOSHAN-3CA1837 Datasheet
1,018Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
KTA1658 FOSHAN-KTA1658 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com