Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDH047AN08A0 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDH047AN08A0
Description  N-Channel PowerTrench MOSFET 75V, 80A, 4.7m?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDH047AN08A0 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDH047AN08A0 Datasheet HTML 1Page - Fairchild Semiconductor FDH047AN08A0 Datasheet HTML 2Page - Fairchild Semiconductor FDH047AN08A0 Datasheet HTML 3Page - Fairchild Semiconductor FDH047AN08A0 Datasheet HTML 4Page - Fairchild Semiconductor FDH047AN08A0 Datasheet HTML 5Page - Fairchild Semiconductor FDH047AN08A0 Datasheet HTML 6Page - Fairchild Semiconductor FDH047AN08A0 Datasheet HTML 7Page - Fairchild Semiconductor FDH047AN08A0 Datasheet HTML 8Page - Fairchild Semiconductor FDH047AN08A0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2004 Fairchild Semiconductor Corporation
FDP047AN08A0 / FDI047AN08A0 / FDH047AN08A0 Rev. C
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Currents
Typical Characteristics T
C = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.90
0.95
1.00
1.05
1.10
1.15
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
10000
0.1
1
10
75
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
25
50
75
100
Qg, GATE CHARGE (nC)
VDD = 40V
ID = 80A
ID = 10A
WAVEFORMS IN
DESCENDING ORDER:


Similar Part No. - FDH047AN08A0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDH047AN08A0 ISC-FDH047AN08A0 Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDH047AN08A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP047AN08A0 FAIRCHILD-FDP047AN08A0 Datasheet
246Kb / 10P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.7m?
FDP060AN08A0 FAIRCHILD-FDP060AN08A0 Datasheet
252Kb / 11P
   N-Channel PowerTrench MOSFET 75V, 80A, 6.0m?
logo
ON Semiconductor
FDB045AN08A0-F085 ONSEMI-FDB045AN08A0-F085 Datasheet
770Kb / 12P
   N-Channel PowerTrench® MOSFET 75V, 80A, 4.5m
September-2017, Rev. 1
logo
E-CMOS Corporation
EC7375N75 E-CMOS-EC7375N75 Datasheet
679Kb / 7P
   75V, 80A N-Channel MOSFET
logo
Fairchild Semiconductor
FDP047N08 FAIRCHILD-FDP047N08 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 164A, 4.7m廓
logo
Unisonic Technologies
UTT80N75 UTC-UTT80N75 Datasheet
133Kb / 3P
   80A, 75V N-CHANNEL POWER MOSFET
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
   80A, 75V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
logo
HY ELECTRONIC CORP.
HY80N075T HY-HY80N075T Datasheet
244Kb / 4P
   75V / 80A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com