Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ27VALFH Datasheet(PDF) 1 Page - Rohm

Part # MMBZ27VALFH
Description  Transient Voltage suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMBZ27VALFH Datasheet(HTML) 1 Page - Rohm

  MMBZ27VALFH Datasheet HTML 1Page - Rohm MMBZ27VALFH Datasheet HTML 2Page - Rohm MMBZ27VALFH Datasheet HTML 3Page - Rohm MMBZ27VALFH Datasheet HTML 4Page - Rohm MMBZ27VALFH Datasheet HTML 5Page - Rohm MMBZ27VALFH Datasheet HTML 6Page - Rohm MMBZ27VALFH Datasheet HTML 7Page - Rohm MMBZ27VALFH Datasheet HTML 8Page - Rohm MMBZ27VALFH Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
  Transient Voltage suppressor
(AEC-Q101 qualified)
*
150
V
Human body model
-
Power dissipation
Pd
on Alumina substrate
-
300
mW
±2
Peak pulse power
PPP
-
24
W
ºC
Storage temperature
Tstg
-
-65
150
ºC
Junction temperature
Tj
-
-
IEC61000-4-2
Air discharge
-
-
±30
kV
Machine model
-
Human body model
C=100pF R=1.5kΩ
on Glass-epoxy substrate
-
225
mW
IEC61000-4-2
C=150pF R=330Ω
Machine model
C=200pF R=0Ω
Unit
Basic Ordering Unit(pcs)
3000
●Structure
Marking
D1E
www.rohm.com
1/6
2016/5/31_Rev.001
© 2016 ROHM Co., Ltd. All rights reserved.
MMBZ5V6ALFH thru MMBZ10VALFH
tp=10/1000μs
MMBZ12VALFH thru MMBZ33VALFH
-
±8
kV
40
W
Electrostatic discharge voltage*
VESD
±30
kV
Taping Code
T116
Silicon Epitaxial Planar
Contact
Small mold type
ESD Protection
High reliability
ESD protection level ±30kV (IEC61000-4-2 Contact)
Taping Width(mm)
Embossed Tape
Reel Size(mm)
180
Parameter
Symbol
Conditions
●Absolute Maximum Rating (T
a=25ºC)
Min.
Max.
Packing
●Inner Circuit
●Feature
8
●Application
●Packaging Specification
MMBZ30VALFH
W
Ppp
Data sheet
●Outline
24
40
W


Similar Part No. - MMBZ27VALFH

ManufacturerPart #DatasheetDescription
logo
Rohm
MMBZ27VALFH ROHM-MMBZ27VALFH Datasheet
1Mb / 10P
   Transient Voltage suppressor
MMBZ27VALFH ROHM-MMBZ27VALFH Datasheet
1Mb / 10P
   Transient Voltage suppressor
MMBZ27VALFH ROHM-MMBZ27VALFH Datasheet
1Mb / 10P
   Transient Voltage suppressor
MMBZ27VALFH ROHM-MMBZ27VALFH Datasheet
1Mb / 10P
   Transient Voltage suppressor
MMBZ27VALFH ROHM-MMBZ27VALFH Datasheet
1Mb / 10P
   Transient Voltage suppressor
More results

Similar Description - MMBZ27VALFH

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com