Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52765FP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M52765FP
Description  PLL-SPLIT VIF/SIF IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52765FP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M52765FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PLL-SPLIT VIF/SIF IC
M52765FP
MITSUBISHI ICs (TV)
5. AGC Control Range: GR
GR = VIN MAX - VIN M IN
(dB)
7. Capture range: CL - U
1. Increase the frequency of SG9 until the VCO is out of locked-oscillation.
2. Decrease the frequency of SG9 and measure the frequency fU when the
VCO locks.
CL - U = fU - 58.75
(MHz)
8. Capture range: CL - L
1. Decrease the frequency of SG9 until the VCO is out of locked-oscillation.
2. Increase the frequency of SG9 and measure the frequency fL when the
VCO locks.
CL - L = 58.75 - fL
(MHz)
9. Capture range: CL - T
CL - T = CL - U + CL - L
(MHz)
6. RF AGC Operating Voltage: V3
Input SG8 into VIF IN and gradually reduce Vi and then measure the input
level when RF AGC output TP3 reaches 1/2 VCC, as shown below.
TP3
Voltage
Vi
V3H
Vi(dBµ)
V3L
1/2VCC


Similar Part No. - M52765FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52760 MITSUBISHI-M52760 Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M52760SP MITSUBISHI-M52760SP Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M52761FP MITSUBISHI-M52761FP Datasheet
53Kb / 7P
   PLL-SPLIT VIF/SIF IC
M52761SP MITSUBISHI-M52761SP Datasheet
53Kb / 7P
   PLL-SPLIT VIF/SIF IC
M52766FP MITSUBISHI-M52766FP Datasheet
168Kb / 15P
   PLL SPLIT VIF / SIF
More results

Similar Description - M52765FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52342SP MITSUBISHI-M52342SP Datasheet
96Kb / 14P
   PLL-SPLIT VIF/SIF IC
M52342FP MITSUBISHI-M52342FP Datasheet
97Kb / 13P
   PLL-SPLIT VIF/SIF IC
logo
Renesas Technology Corp
M52334FP RENESAS-M52334FP Datasheet
163Kb / 19P
   PLL-Split VIF/SIF IC
M52342FP RENESAS-M52342FP Datasheet
176Kb / 19P
   PLL-Split VIF/SIF IC
logo
Mitsubishi Electric Sem...
M52761SP MITSUBISHI-M52761SP Datasheet
53Kb / 7P
   PLL-SPLIT VIF/SIF IC
M52334FP MITSUBISHI-M52334FP Datasheet
84Kb / 12P
   PLL-SPLIT VIF/SIF IC
M52760SP MITSUBISHI-M52760SP Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M52769FP MITSUBISHI-M52769FP Datasheet
220Kb / 17P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com