Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52761FP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M52761FP
Description  PLL-SPLIT VIF/SIF IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52761FP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M52761FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52761FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52761FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52761FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52761FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52761FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52761FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MITSUBISHI ICs (TV)
M52761SP/FP
PLL-SPLIT VIF/SIF IC
5
THE NOTE IN THE SYSTEM SETUP
M52761FP has 2 power supply pins of Vcc (pin 14) and Vreg.OUT
(pin 17) .
Pin 14 is for AFT output, RF AGC output circuits and 5V regulated
power supply circuit and Pin 17 is for the other circuit blocks.
In case M52761FP is used together with other ICs like VIF
operating at more than 5V, the same supply voltage as that of
connected ICs is applied to VCC and Vreg.Out is opened. The other
circuit blocks, connected to Vreg.OUT are powered by internal 5V
regulated power supply.
In case the connecting ICs are operated at 5V, 5V is supplied to
both VCC and Vreg.OUT.
INPUT SIGNAL
TYPICAL CHARACTERISTICS
SG No.
Signals (50
Ω termination)
1f0=58.75MHz AM20kHz 77.8% 90dB
µ
2f0=58.75MHz 90dB
µ CW
3
f0=58.75MHz 90dB
µ CW (Mixed signal)
f2=Frequency variable 70dB
µ CW (Mixed signal)
4f0=58.75MHz AM20kHz 77.8% level variable
5f0=58.75MHz AM20kHz 14.0% level variable
6f0=58.75MHz 80dB
µ CW
7f0=58.75MHz 110dB
µ CW
8f0=58.75MHz CW level variable
9f0=Variable AM20kHz 77.8% 90dB
µ
10
f0=Variable 90dB
µ CW
11
f1=58.75MHz 90dB
µ CW (Mixed signal)
f2=55.17MHz 80dB
µ CW (Mixed signal)
f3=54.25MHz 80dB
µ CW (Mixed signal)
12
f0=58.75MHz 87.5%
TM modulation ten-step waveform
sync tip level 90dB
µ
13
f1=54.25MHz 95dB
µ CW
14
f1=54.25MHz 75dB
µ CW
15
f1=58.75MHz 90dB
µ CW (Mixed signal)
f2=54.25MHz 70dB
µ CW (Mixed signal)
16
f0=4.5MHz 90dB
µ FM400Hz±25kHz dev
17
f0=4.5MHz level variable FM400Hz
±25kHz dev
18
f0=4.5MHz 90dB
µ AM400Hz 30%
19
f0=4.5MHz 90dB
µ CW
AMBIENT TEMPERATURE Ta (
°C)
0
25
50
75
100
125
0
250
500
750
1000
1750
150
-20
1250
1500
637
THERMAL DERATING (MAXIMUM RATING)
1225


Similar Part No. - M52761FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52760 MITSUBISHI-M52760 Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M52760SP MITSUBISHI-M52760SP Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M52765FP MITSUBISHI-M52765FP Datasheet
122Kb / 15P
   PLL-SPLIT VIF/SIF IC
M52766FP MITSUBISHI-M52766FP Datasheet
168Kb / 15P
   PLL SPLIT VIF / SIF
logo
Renesas Technology Corp
M52766FP RENESAS-M52766FP Datasheet
5Mb / 16P
   PLL-SPLIT VIF/SIF
More results

Similar Description - M52761FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52342SP MITSUBISHI-M52342SP Datasheet
96Kb / 14P
   PLL-SPLIT VIF/SIF IC
M52765FP MITSUBISHI-M52765FP Datasheet
122Kb / 15P
   PLL-SPLIT VIF/SIF IC
M52342FP MITSUBISHI-M52342FP Datasheet
97Kb / 13P
   PLL-SPLIT VIF/SIF IC
logo
Renesas Technology Corp
M52334FP RENESAS-M52334FP Datasheet
163Kb / 19P
   PLL-Split VIF/SIF IC
M52342FP RENESAS-M52342FP Datasheet
176Kb / 19P
   PLL-Split VIF/SIF IC
logo
Mitsubishi Electric Sem...
M52334FP MITSUBISHI-M52334FP Datasheet
84Kb / 12P
   PLL-SPLIT VIF/SIF IC
M52760SP MITSUBISHI-M52760SP Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M52769FP MITSUBISHI-M52769FP Datasheet
220Kb / 17P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com