Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THVD1500DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THVD1500DR
Description  300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD1500DR Datasheet(HTML) 3 Page - Texas Instruments

  THVD1500DR Datasheet HTML 1Page - Texas Instruments THVD1500DR Datasheet HTML 2Page - Texas Instruments THVD1500DR Datasheet HTML 3Page - Texas Instruments THVD1500DR Datasheet HTML 4Page - Texas Instruments THVD1500DR Datasheet HTML 5Page - Texas Instruments THVD1500DR Datasheet HTML 6Page - Texas Instruments THVD1500DR Datasheet HTML 7Page - Texas Instruments THVD1500DR Datasheet HTML 8Page - Texas Instruments THVD1500DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
R
8
VCC
2
RE
7
B
3
DE
6
A
4
D
5
GND
Not to scale
3
THVD1500
www.ti.com
SLLSEY4 – JULY 2017
Product Folder Links: THVD1500
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
R
1
Digital output
Receive data output
RE
2
Digital input
Receiver enable, active low (internal 2-MΩ pull-up)
DE
3
Digital input
Driver enable, active high (internal 2-MΩ pull-down)
D
4
Digital input
Driver data input
GND
5
Ground
Local device ground
A
6
Bus input/output
Bus I/O port, A (complementary to B)
B
7
Bus input/output
Bus I/O port, B (complementary to A)
VCC
8
Power
5-V supply


Similar Part No. - THVD1500DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1505DR TI1-THVD1505DR Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
More results

Similar Description - THVD1500DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
logo
Analog Devices
ADM3061E AD-ADM3061E Datasheet
683Kb / 28P
   IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
logo
Analog Devices
ADM3061E AD-ADM3061E_V02 Datasheet
1Mb / 25P
   3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
Rev. H
ADM3061E AD-ADM3061E_V01 Datasheet
594Kb / 27P
   3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
Rev. G
logo
Texas Instruments
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com