Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA838IDCKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDCKT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDCKT Datasheet(HTML) 1 Page - Texas Instruments

  OPA838IDCKT Datasheet HTML 1Page - Texas Instruments OPA838IDCKT Datasheet HTML 2Page - Texas Instruments OPA838IDCKT Datasheet HTML 3Page - Texas Instruments OPA838IDCKT Datasheet HTML 4Page - Texas Instruments OPA838IDCKT Datasheet HTML 5Page - Texas Instruments OPA838IDCKT Datasheet HTML 6Page - Texas Instruments OPA838IDCKT Datasheet HTML 7Page - Texas Instruments OPA838IDCKT Datasheet HTML 8Page - Texas Instruments OPA838IDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Large Area Photodetector
With 100-pF Capacitance
+
±
VCC = 3 V
Diode
Current
Direction
-VBIAS
1 pF
73.2
2.2 nF
1-MHz
Post Filter
VOUT
100 k
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA838
SBOS867 – AUGUST 2017
OPA838 1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
1
1 Features
1
Gain Bandwidth Product: 300 MHz
Very-Low (Trimmed) Supply Current: 950 µA
Bandwidth: 90 MHz (AV = 6 V/V)
High Full-Power Bandwidth: 45 MHz, 4 VPP
Negative Rail Input, Rail-to-Rail Output
Single-Supply Operating Range: 2.7 V to 5.4 V
25°C Input Offset: ±125 µV (Maximum)
Input Offset Voltage Drift: < ±1.6 µV/°C
(Maximum)
Input Voltage Noise: 1.8 nV/
√Hz (> 200 Hz)
Input Current Noise: 1 pA/
√Hz (> 2000 Hz)
< 5-µA Shutdown Current for Power Savings
2 Applications
Low-Power Transimpedance Amplifiers
Low-Noise High-Gain Stages
12-Bit to 16-Bit Low-Power SAR ADC Drivers
High-Gain Active Filter Designs
Ultrasonic Flow Meters
3 Description
The
OPA838
decompensated
voltage
feedback
operational amplifier provides a high 300-MHz gain
bandwidth
product
with
1.8-nV/
√Hz
input
noise
voltage, requiring only a trimmed 0.95-mA supply
current. These features combine to provide an
extremely power-efficient solution for photodiode
transimpedance
designs
and
high-voltage
gain
stages, which require the lowest input voltage noise
in signal receiver applications.
Operating
at
the
minimum
recommended
noninverting gain of 6 V/V results in a 90-MHz, –3-dB
bandwidth. Extremely low input noise and offset
voltage make the OPA838 particularly suitable for
high gains. Even at a DC-coupled gain of 1000 V/V, a
300-kHz
signal
bandwidth
is
available
with
a
maximum output offset voltage of ±125 mV.
The single-channel OPA838 is available in a 6-pin
SOT-23 package, 6-pin SC70 package (that includes
a power shutdown feature) and 5-pin SC70 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA838
SOT-23 (6)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
SC70 (6)
2.00 mm × 1.25 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
SPACE
SPACE
Single 3-V Supply, < 3-mW Photodiode Amplifier With < 1.1-pA/
√Hz Total Input-Referred Current Noise
and 100-kΩ Gain With Overall 1-MHz SSBW


Similar Part No. - OPA838IDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
567Kb / 21P
[Old version datasheet]   50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
More results

Similar Description - OPA838IDCKT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001 Datasheet
553Kb / 24P
   1 MHz Bandwidth Low Power Op Amp
2003
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com