Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA838IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA838IDBVT Datasheet HTML 1Page - Texas Instruments OPA838IDBVT Datasheet HTML 2Page - Texas Instruments OPA838IDBVT Datasheet HTML 3Page - Texas Instruments OPA838IDBVT Datasheet HTML 4Page - Texas Instruments OPA838IDBVT Datasheet HTML 5Page - Texas Instruments OPA838IDBVT Datasheet HTML 6Page - Texas Instruments OPA838IDBVT Datasheet HTML 7Page - Texas Instruments OPA838IDBVT Datasheet HTML 8Page - Texas Instruments OPA838IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
3
2
5
6
4
+ -
V
OUT
V
S-
V
IN+
V
S+
V
IN-
PD
3
OPA838
www.ti.com
SBOS867 – AUGUST 2017
Product Folder Links: OPA838
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Long-term continuous output current for electromigration limits.
5
Device Comparison Table
(1)
PART NUMBER
GBP (MHz)
5-V IQ
(mA, MAXIMUM
25°C)
INPUT NOISE
VOLTAGE
(nV/
√Hz)
2-VPP THD
(dBc, 100 kHz)
RAIL-TO-RAIL
INPUT/OUTPUT
DUALS
OPA838
300
0.99
1.9
–110
Negative in/out
None
OPA835
30
0.35
9.3
–100
Negative in/out
OPA2835
OPA836
110
1
4.8
–115
Negative in/out
OPA2836
LMP7717
88
1.4
5.8
Negative in/out
LMP7718
OPA830
100
4.7
9.5
–105
Negative in/out
OPA2830
THS4281
38
0.93
12.5
12.5
In/out
None
6 Pin Configuration and Functions
DBV Package
6-Pin SOT-23 and SC70
Top View
DCK Package
5-Pin SC70
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23 and
SC70-6
SC70-5
PD
5
I/O
Amplifier power down.
Low = disabled, high = normal operation (pin must be driven).
VIN–
4
4
I/O
Inverting input pin
VIN+
3
3
I/O
Noninverting input pin
VOUT
1
1
I/O
Output pin
VS–
2
2
Power
Negative power-supply pin
VS+
6
5
Power
Positive power-supply input


Similar Part No. - OPA838IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
567Kb / 21P
[Old version datasheet]   50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
More results

Similar Description - OPA838IDBVT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001 Datasheet
553Kb / 24P
   1 MHz Bandwidth Low Power Op Amp
2003
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com