Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07M2127M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA07M2127M
Description  MITSUBISHI RF MOSFET MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07M2127M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA07M2127M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07M2127M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07M2127M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07M2127M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07M2127M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07M2127M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07M2127M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07M2127M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07M2127M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA 07M2127 M
RA07M2127M
MITSUBISHI ELECTRIC
25 April 2003
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
2
4
6
8
10
12
1
1.5
2
2.5
3
3.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
P
out
f=215MHz,
V
DD=7.2V,
P
in=20mW
IDD
0
2
4
6
8
10
12
14
16
2
3
4
5
6
7
8
9
10
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
5
6
7
8
Pout
f=270MHz,
V
GG=3.5V,
P
in=20mW
IDD
0
2
4
6
8
10
12
1
1.5
2
2.5
3
3.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
P
out
f=250MHz,
V
DD=7.2V,
P
in=20mW
IDD
0
2
4
6
8
10
12
1
1.5
2
2.5
3
3.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
P
out
f=270MHz,
V
DD=7.2V,
P
in=20mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)


Similar Part No. - RA07M2127M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M2127M MITSUBISHI-RA07M2127M Datasheet
226Kb / 8P
   RoHS Compliance ,215-270MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M2127M MITSUBISHI-RA07M2127M Datasheet
106Kb / 9P
   215-270MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M2127M-101 MITSUBISHI-RA07M2127M-101 Datasheet
226Kb / 8P
   RoHS Compliance ,215-270MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M2127M-101 MITSUBISHI-RA07M2127M-101 Datasheet
106Kb / 9P
   215-270MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M2127M MITSUBISHI-RA07M2127M_06 Datasheet
226Kb / 8P
   RoHS Compliance ,215-270MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07M2127M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA06H8285M MITSUBISHI-RA06H8285M Datasheet
61Kb / 8P
   MITSUBISHI RF MOSFET MODULE
RA07H0608M MITSUBISHI-RA07H0608M Datasheet
64Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07N4047M MITSUBISHI-RA07N4047M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
108Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M3340M MITSUBISHI-RA07M3340M Datasheet
67Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA45H4047M MITSUBISHI-RA45H4047M Datasheet
93Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 45W 12.5V MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M Datasheet
85Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RD60HUF1 MITSUBISHI-RD60HUF1 Datasheet
320Kb / 7P
   MITSUBISHI RF POWER MOS FET
logo
Renesas Technology Corp
FS10KM-12A RENESAS-FS10KM-12A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com