Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS16C2552 Datasheet(PDF) 4 Page - Texas Instruments

Part # NS16C2552
Description  Dual Independent UART
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NS16C2552 Datasheet(HTML) 4 Page - Texas Instruments

  NS16C2552_17 Datasheet HTML 1Page - Texas Instruments NS16C2552_17 Datasheet HTML 2Page - Texas Instruments NS16C2552_17 Datasheet HTML 3Page - Texas Instruments NS16C2552_17 Datasheet HTML 4Page - Texas Instruments NS16C2552_17 Datasheet HTML 5Page - Texas Instruments NS16C2552_17 Datasheet HTML 6Page - Texas Instruments NS16C2552_17 Datasheet HTML 7Page - Texas Instruments NS16C2552_17 Datasheet HTML 8Page - Texas Instruments NS16C2552_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
NS16C2552, NS16C2752
SNLS238D – AUGUST 2006 – REVISED APRIL 2013
www.ti.com
Signal
PLCC
TQFP
Type
Description
Name
Pin #
Pin #
TXRDY1
O
1
43
UART Transmit-ready:
TXRDY2
32
28
Transmitter DMA signaling is available through this pin. When operating in the FIFO mode,
the CPU selects one of two types of DMA transfer via FCR[3]. When operating in the 16450
Mode, only DMA mode 0 is allowed. Mode 0 supports single transfer DMA (and a transfer is
usually made between CPU bus cycles). Mode 1 supports multi-transfer DMA where multiple
transfers are made continuously until the Tx FIFO is full. Details regarding the active and
inactive states of this signal are described in FIFO CONTROL REGISTER (FCR) and DMA
OPERATION.
INTR1
O
34
30
Interrupt Output:
INTR2
17
12
INTR goes high whenever any one of the following interrupt types has an active high
condition and is enabled via the IER: Receiver Error Flag; Received Data Available: time-out
(FIFO Mode only); Transmitter Holding Register Empty; MODEM Status; and hardware and
software flow control. The INTR signal is reset low upon the appropriate interrupt service or a
Master Reset operation.
SERIAL IO INTERFACE
Signal
PLCC
TQFP
Type
Description
Name
Pin #
Pin #
SOUT1
O
38
35
UART Serial Data Out:
SOUT2
26
22
UART transmit data output or infrared data output. The SOUT signal is set to logic 1 upon reset or
idle in the UART mode when MCR[6]=0. The SOUT signal transitions to logic 0 (idle state of IrDA
mode) in the infrared mode when MCR[6]=1.
Note: SOUT1 and SOUT2 can not be reset to IrDA mode.
SIN1
I
39
36
UART Serial Data In:
SIN2
25
21
UART receive data input or infrared data input. The SIN should be idling in logic 1 in the UART
mode. The SIN should be idling in logic 0 in the infrared mode. The SIN should be pulled high
through a 10K resistor if not used.
RTS1
O
36
33
UART Request-to-send:
RTS2
23
18
When low, RTS informs the remote link partner that it is ready to receive data. The RTS output
signal can be set to an active low by writing “1” to MCR[1]. The RTS output can also be configured
in auto hardware flow control based on FIFO trigger level. This pin stays logic 1 upon reset or idle
(i.e., between data transfers). Loop mode operation holds this signal in its inactive state.
DTR1
O
37
34
UART Data-terminal-ready:
DTR2
27
23
When low, DTR informs the remote link partner that the UART is ready to establish a
communications link. The DTR output signal can be set to an active low by writing “1” to MCR[0].
This pin stays at logic 1 upon reset or idle. Loop mode operation holds this signal to its inactive
state.
CTS1
I
40
38
UART Clear-to-send:
CTS2
28
24
When low, CTS indicates that the remote link partner is ready to receive data. The CTS signal is a
modem status input and can be read for the appropriate channel in MSR[4]. This bit reflects the
complement of the CTS signal. MSR[0] indicates whether the CTS input has changed state since
the previous read of the MSR. CTS can also be configured to perform auto hardware flow control.
Note: Whenever the CTS bit of the MSR changes state, an interrupt is generated if the MODEM
Status Interrupt is enabled.
DSR1
I
41
39
UART Data-set-ready:
DSR2
29
25
When low, DSR indicates that the remote link partner is ready to establish the communications
link. The DSR signal is a MODEM status input and can be read for the appropriate channel in
MSR[5]. This bit reflects the complement of the DSR signal. MSR[1] indicates whether the DSR
input has changed state since the previous read of the MODEM Status Register.
Note: Whenever the DSR bit of the MSR changes state, an interrupt is generated if the MODEM
Status Interrupt is enabled.
DCD1
I
42
40
UART Data-carrier-detect:
DCD2
30
26
When low, DCD indicates that the data carrier has been detected by the remote link partner. The
DCD signal is a MODEM status input and can be read for the appropriate channel in MSR[7]. This
bit reflects the complement of the DCD signal. MSR[3] indicates if the DCD input has changed
state since the previous reading of the MODEM Status Register. DCD has no effect on the
receiver.
Note: Whenever the DCD bit of the MSR changes state, an interrupt is generated if the MODEM
Status Interrupt is enabled.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: NS16C2552 NS16C2752


Similar Part No. - NS16C2552_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS16C2552TVA NSC-NS16C2552TVA Datasheet
906Kb / 43P
   Dual UART with 16-byte/64-byte FIFOs and up to 5 Mbit/s Data Rate
logo
Texas Instruments
NS16C2552TVA/NOPB TI1-NS16C2552TVA/NOPB Datasheet
1Mb / 50P
[Old version datasheet]   16-byte/64-byte FIFOs and up to 5 Mbit/s Data
NS16C2552TVS/NOPB TI1-NS16C2552TVS/NOPB Datasheet
1Mb / 50P
[Old version datasheet]   16-byte/64-byte FIFOs and up to 5 Mbit/s Data
NS16C2552TVSX/NOPB TI1-NS16C2552TVSX/NOPB Datasheet
1Mb / 50P
[Old version datasheet]   16-byte/64-byte FIFOs and up to 5 Mbit/s Data
More results

Similar Description - NS16C2552_17

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
logo
AAEON Technology
EMB-KB1 AAEON-EMB-KB1 Datasheet
364Kb / 2P
   dual independent display
EMB-H81A AAEON-EMB-H81A Datasheet
373Kb / 2P
   dual independent display
EMB-H81B AAEON-EMB-H81B Datasheet
333Kb / 2P
   dual independent display
logo
Connor-Winfield Corpora...
H52DF CONNOR-WINFIELD-H52DF Datasheet
55Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
logo
List of Unclassifed Man...
SI-38 ETC2-SI-38 Datasheet
486Kb / 1P
   Dual independent 1080p playback
logo
Connor-Winfield Corpora...
S52DF CONNOR-WINFIELD-S52DF Datasheet
54Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com