Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07H4047M Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA07H4047M
Description  400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/ MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07H4047M Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA07H4047M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07H4047M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUBISHI RF MOSFET MODULE
RA07H4047M
400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/ MOBILE RADIO
RA07H4047M
MITSUBISHI ELECTRIC
25 April 2003
1/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DESCRIPTION
The RA07H4047M is a 7-watt RF MOSFET Amplifier Module
for 12.5-volt portable/ mobile radios that operate in the 400- to
470-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate
voltage (VGG=0V), only a small leakage current flows into the drain
and the RF input signal attenuates up to 60 dB. The output power
and drain current increase as the gate voltage increases. With a
gate voltage around 2.5V (minimum), output power and drain
current increases substantially. The nominal output power
becomes available at 3V (typical) and 3.5V (maximum). At
VGG=3.5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may
also be used for linear modulation by setting the drain quiescent
current with the gate voltage and controlling the output power with
the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD
≅0 @ V
DD=12.5V, VGG=0V)
• Pout>7W @ VDD=12.5V, VGG=3.5V, Pin=20mW
η
T>40%
@ Pout=7W (VGG control), VDD=12.5V, Pin=20mW
• Broadband Frequency Range: 400-470MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=3.5V
• Module Size: 30 x 10 x 5.4 mm
• Linear operation is possible by setting the quiescent drain current
with the gate voltage and controlling the output power with the
input power
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA07H4047M-E01
RA07H4047M-01
(Japan - packed without desiccator)
Antistatic tray,
25 modules/tray
BLOCK DIAGRAM
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
3
2
4
1
5
PACKAGE CODE: H46S


Similar Part No. - RA07H4047M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H4047M MITSUBISHI-RA07H4047M Datasheet
237Kb / 8P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M-101 MITSUBISHI-RA07H4047M-101 Datasheet
237Kb / 8P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M-101 MITSUBISHI-RA07H4047M-101 Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M-101 MITSUBISHI-RA07H4047M-101 Datasheet
112Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA07H4047M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H4047M MITSUBISHI-RA07H4047M_06 Datasheet
237Kb / 8P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_10 Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_10 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_08 Datasheet
157Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_10 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_11 Datasheet
243Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_10 Datasheet
101Kb / 9P
   400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_10 Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_10 Datasheet
103Kb / 9P
   400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com