Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35ST155MB33225 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 35ST155MB33225
Description  POLYMER MULTI-LAYER CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

35ST155MB33225 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  35ST155MB33225 Datasheet HTML 1Page - RUBYCON CORPORATION 35ST155MB33225 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency
(kHz)
Frequency
(kHz)
Frequency
(kHz)
226
106
475
105
224
475
105
106
105
POLYMER MULTI-LAYER CAPACITORS
◆SPECIFICATIONS
◆PERMISSIBLE CURRENT FOR FREQUENCY
SERIES
ST
Items
Characteristics
−55∼+125℃
16∼63Vdc
100Vdc
0.047∼22μF
(473∼226)
0.001∼0.1μF
(102∼104)
1.5% or less(1kHz±20%, 5Vrms or less)
Nothing abnormal shall be found, when applying 150% of the rated voltage for 1minute
or 175% of the rated voltage for 1 second to 5 seconds.
C≦0.1μF:3000MΩor more
(After 1 minute application of rated voltage)
C>0.1μF:300MΩ・μF or more
(After 1 minute application of rated voltage)
1000MΩ or more
(After 1 minute application of rated voltage)
±10%
(K)
, ±20%
(M)
Category Temperature Range
Rated Voltage Range
Capacitance Range
Capacitance Tolerance
Dissipation Factor
(tanδ)
Voltage Proof
Insulation Resistance
ST
□□□
□□□
□□□
□□□□
□□
ST
Standard
・Surface-mounted device.
・Non-polar capacitor.
・Lead free reflow soldering is available.
RoHS
compliance
◆PART NUMBER
Rated Voltage
Capacitance
Option
Capacitance
Tolerance
Series
TP code
16Vdc
25Vdc
35Vdc
50Vdc
63Vdc
100Vdc
16
25
35
50
63
100
Code
Rated Voltage
3.2×1.6mm
3.2×2.5mm
4.5×3.2mm
5.7×5.0mm
3216
3225
4532
5750
Code
Chip Size
0.001μF
0.047μF
0.68μF
3.3μF
10μF
22μF
102
473
684
335
106
226
Code
Capacitance
±10%
K
±20%
M
Code
Tolerance
Chip Size
16Vdc
35Vdc
50Vdc


Similar Part No. - 35ST155MB33225

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
35ST474MA13216 RUBYCON-35ST474MA13216 Datasheet
222Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
35ST475MC44532 RUBYCON-35ST475MC44532 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results

Similar Description - 35ST155MB33225

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
16ST335MB33225 RUBYCON-16ST335MB33225 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
16MU224MZ22012 RUBYCON-16MU224MZ22012 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
16MU225MB23225 RUBYCON-16MU225MB23225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
35MU684MA23216 RUBYCON-35MU684MA23216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST684MB23225 RUBYCON-50ST684MB23225 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
MU RUBYCON-MU Datasheet
200Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
16MU156MD15750 RUBYCON-16MU156MD15750 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com