Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS6M4 Datasheet(PDF) 1 Page - Rohm

Part # QS6M4
Description  Small switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS6M4 Datasheet(HTML) 1 Page - Rohm

  QS6M4 Datasheet HTML 1Page - Rohm QS6M4 Datasheet HTML 2Page - Rohm QS6M4 Datasheet HTML 3Page - Rohm QS6M4 Datasheet HTML 4Page - Rohm QS6M4 Datasheet HTML 5Page - Rohm QS6M4 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
QS6M4
Transistors
1/5
Small switching
QS6M4
Features
1) The QS6M4 combines Pch Trench MOSFET with a
Nch Trench MOSFET in a single TSMT6 package.
2) Pch Trench MOSFET and Nch Trench MOSFET
have a low on-state resistance with a fast switching.
3) Pch Trench MOSFET is neucted a low voltage drive
(2.5V).
Applications
Load switch, inverter
External dimensions (Unit : mm)
Each lead has same dimensions
TSMT6
Abbreviated symbol : M04
2.8
1.6
1pin mark
Structure
Silicon P-channel MOS FET
Silicon N-channel MOS FET
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
QS6M4
TR
3000
Type
Absolute maximum ratings (Ta=25
°C)
Parameter
VDSS
Symbol
VGSS
ID
IDP
IS
ISP
PD
°C
Tch
°C
Tstg
Nchannel
150
−55 to +150
Pchannel
Limits
Unit
∗ Pw≤10µs, Duty cycle≤1%
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Storage temperature
Continuous
Pulsed
Continuous
Source current
(Body diode)
Pulsed
V
30
V
12
A
±1.5
A
±6.0
A
0.8
A
6.0
W
−20
−12
±1.5
±6.0
−0.75
−6.0
1.25
Equivalent circuit
(1) Tr1 (Nch) Source
(2) Tr1 (Nch) Gate
(3) Tr2 (Pch) Drain
(4) Tr2 (Pch) Source
(5) Tr2 (Pch) Gate
(6) Tr1 (Nch) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗2
∗1
∗1
(1)
(6)
(5)
(4)
(2)
(3)
Thermal resistance (Ta=25
°C)
Rth (ch-a)
100
Parameter
Symbol
Limits
Unit
Channel to ambient
°C / W


Similar Part No. - QS6M4

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6M4 ROHM-QS6M4 Datasheet
103Kb / 6P
   2.5V Drive NchPch MOSFET
QS6M4 ROHM-QS6M4 Datasheet
85Kb / 6P
   2.5V Drive Nch Pch MOSFET
QS6M4TR ROHM-QS6M4TR Datasheet
85Kb / 6P
   2.5V Drive Nch Pch MOSFET
logo
VBsemi Electronics Co.,...
QS6M4TR VBSEMI-QS6M4TR Datasheet
597Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
Rohm
QS6M4 ROHM-QS6M4_1 Datasheet
103Kb / 6P
   2.5V Drive NchPch MOSFET
More results

Similar Description - QS6M4

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6M3 ROHM-QS6M3 Datasheet
86Kb / 8P
   Small switching
QS6J3TR ROHM-QS6J3TR Datasheet
68Kb / 4P
   Small switching
QS6U24 ROHM-QS6U24 Datasheet
41Kb / 3P
   Small switching
logo
Guangdong Kexin Industr...
2SK3050 KEXIN-2SK3050 Datasheet
44Kb / 1P
   Small Switching
logo
Rohm
2SK2095N ROHM-2SK2095N Datasheet
128Kb / 4P
   Small Switching
US6M1 ROHM-US6M1 Datasheet
87Kb / 8P
   Small switching
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Rohm
QS6J1 ROHM-QS6J1 Datasheet
62Kb / 4P
   Small switching (-20V, -1.5A)
US6J2 ROHM-US6J2 Datasheet
64Kb / 5P
   Small switching (−20V, −1A)
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com