Electronic Components Datasheet Search |
|
RP130Q281A5 Datasheet(PDF) 1 Page - RICOH electronics devices division |
|
RP130Q281A5 Datasheet(HTML) 1 Page - RICOH electronics devices division |
1 / 32 page RP130x SERIES LOW NOISE 150mA LDO REGULATOR NO.EA-173-131031 1 OUTLINE The RP130x Series are CMOS-based positive voltage regulator ICs with high ripple rejection, low dropout voltage, high output voltage accuracy and extremely low supply current. Each of these ICs consists of a voltage reference unit, an error amplifier, a resistor-net for voltage setting, a short current limit circuit and a chip enable circuit. These ICs have an excellent low supply current performed by CMOS process, moreover they perform with low dropout voltage due to built-in low ON-resistance. A chip enable function prolongs the battery life. The input transient response, the load transient response and the ripple rejection have been improved in the RP130x Series compared with the conventional products. Besides achieving low supply current (Typ.38μA). The range of the operation voltage is capable from 1.7V to 6.5V and the range of the output voltage is capable from 1.2V to 5.3V for this product, which is wider range as our conventional product R1114x series. The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are DFN(PLP)1010-4, SOT-23-5 and SC-82AB, therefore high density mounting of the ICs on boards is possible. FEATURES • Supply Current ........................................................... Typ. 38μA • Supply Current (Standby Mode) .................................. Typ. 0.1 μA • Ripple Rejection........................................................... Typ. 80dB (f=1kHz) • Input Voltage Range .................................................... 1.7V to 6.5V • Output Voltage Range ................................................. 1.2V to 5.3V (0.1V steps) (For other voltages, please refer to MARK INFORMATIONS.) • Output Voltage Accuracy ............................................. ±1.0% (VOUT>2.0V, Topt=25°C) • Temperature-Drift Coefficient of Output Voltage.......... Typ. ±20ppm/°C • Dropout Voltage ........................................................... Typ. 0.32V (IOUT=150mA, VOUT=2.8V) • Line Regulation............................................................ Typ. 0.02%/V • Packages ..................................................................... DFN(PLP)1010-4, SC-82AB, SOT-23-5 • Built-in Fold Back Protection Circuit ............................ Typ. 40mA • Ceramic capacitors are recommended to be used with this IC .....0.47μF or more APPLICATIONS • Power source for battery-powered equipment. • Power source for portable communication equipment. • Power source for electrical appliances such as cameras, VCRs and camcorders. • Power source for high stable reference voltage. |
Similar Part No. - RP130Q281A5 |
|
Similar Description - RP130Q281A5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |