Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88346L Datasheet(PDF) 3 Page - Fuji Electric

Part # MB88346L
Description  D/A Converter for Digital Tuning
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB88346L Datasheet(HTML) 3 Page - Fuji Electric

  MB88346L Datasheet HTML 1Page - Fuji Electric MB88346L Datasheet HTML 2Page - Fuji Electric MB88346L Datasheet HTML 3Page - Fuji Electric MB88346L Datasheet HTML 4Page - Fuji Electric MB88346L Datasheet HTML 5Page - Fuji Electric MB88346L Datasheet HTML 6Page - Fuji Electric MB88346L Datasheet HTML 7Page - Fuji Electric MB88346L Datasheet HTML 8Page - Fuji Electric MB88346L Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
MB88346L
s PIN DESCRIPTION
Pin No.
Symbol
I/O
Function
17
DI
I
Serial address/data input to the internal 12-bit shift register: The
address/data format is that upper 4 bits (D11 to D8) indicate an
address and lower 8 bits (D7 to D0) indicate data. The D11 (MSB) is
the first-in bit and D0 (LSB) is the last-in bit.
14
DO
O
Outputs MSB bit data from 12-bit shift register.
16
CLK
I
Shift clock input to the internal 12-bit shift register: At the rising edge
of CLK data on the DI pin is shifted into the LSB of the shift register
and contents of the shift register are shifted right (to the MSB).
15
LD
I
Load strobe input for a 12-bit address/data: A high level on the LD pin
latches a 4-bit address (upper 4 bits: D11 to D8) of the internal 12-bit
shift register into the internal address decoder, and writes 8-bit data
(lower 8 bits: D7 to D0) of the shift register into an internal data latch
selected by the latched address.
18
19
2
3
4
5
6
7
8
9
12
13
AO1
AO2
AO3
AO4
AO5
AO6
AO7
AO8
AO9
AO10
AO11
AO12
O
8-bit D/A output pins with OP amps.
11
VCC
MCU interface and OP amp power supply pin.
20
GND
MCU interface and OP amp ground pin.
10
VDD
D/A converter power supply pin.
1VSS
D/A converter ground pin.


Similar Part No. - MB88346L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88346L FUJITSU-MB88346L Datasheet
207Kb / 17P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88346L FUJITSU-MB88346L Datasheet
193Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88346LP FUJITSU-MB88346LP Datasheet
207Kb / 17P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88346LPFV FUJITSU-MB88346LPFV Datasheet
207Kb / 17P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
More results

Similar Description - MB88346L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
   D/A Converter for Digital Tuning
MB88141A FUJITSU-MB88141A Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
logo
Fujitsu Component Limit...
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
   D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
logo
Panasonic Semiconductor
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
   D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
   A/D Converter for Digital Audio Equipment
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
   D/A Converter for Digital Audio Equipment
MN6474A PANASONIC-MN6474A Datasheet
51Kb / 6P
   D/A Converter for Digital Audio Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com