Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP130K191B Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP130K191B
Description  LOW NOISE 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP130K191B Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP130K191B Datasheet HTML 7Page - RICOH electronics devices division RP130K191B Datasheet HTML 8Page - RICOH electronics devices division RP130K191B Datasheet HTML 9Page - RICOH electronics devices division RP130K191B Datasheet HTML 10Page - RICOH electronics devices division RP130K191B Datasheet HTML 11Page - RICOH electronics devices division RP130K191B Datasheet HTML 12Page - RICOH electronics devices division RP130K191B Datasheet HTML 13Page - RICOH electronics devices division RP130K191B Datasheet HTML 14Page - RICOH electronics devices division RP130K191B Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
RP130x
NO.EA-173-131031
11
Package Dimensions (DFN(PLP)1010-4)
1.00
A
B
0.05
X4
INDEX
S
0.05
S
3
4
1
2
0.48
±0.05
0.65
3-C0.18
0.25
±0.05
0.05 M S AB
0.48
±0.05
45°
(Unit : mm)
Bottom View
) Tab is GND level. (They are connected to the
reverse side of this IC.)
The tab is better to be connected to the GND,
but leaving it open is also acceptable.
Mark Specifications (DFN(PLP)1010-4)
: Product Code
Please refer to RP130K Series Mark Specification Table
: Lot Number
… Alphanumeric Serial Number
①②
③④


Similar Part No. - RP130K191B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130K121A-TR RICOH-RP130K121A-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP130K121B-TR RICOH-RP130K121B-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP130K121D-TR RICOH-RP130K121D-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP130K151A-TR RICOH-RP130K151A-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP130K151B-TR RICOH-RP130K151B-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
More results

Similar Description - RP130K191B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com