Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP130K141B Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP130K141B
Description  LOW NOISE 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP130K141B Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP130K141B Datasheet HTML 3Page - RICOH electronics devices division RP130K141B Datasheet HTML 4Page - RICOH electronics devices division RP130K141B Datasheet HTML 5Page - RICOH electronics devices division RP130K141B Datasheet HTML 6Page - RICOH electronics devices division RP130K141B Datasheet HTML 7Page - RICOH electronics devices division RP130K141B Datasheet HTML 8Page - RICOH electronics devices division RP130K141B Datasheet HTML 9Page - RICOH electronics devices division RP130K141B Datasheet HTML 10Page - RICOH electronics devices division RP130K141B Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
RP130x
NO.EA-173-131031
7
V
IN
=VSET+1V (VOUT>1.5V), V
IN
=2.5V (V
OUT
≤1.5V), I
OUT
=1mA, C
IN
=C
OUT
=0.47µF, unless otherwise noted.
The specifications surrounded by
are guaranteed by Design Engineering at - 40ºC ≤ Ta ≤ 85ºC.
RP130xxx1B/D
(Ta=25
°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VSET > 2.0V
x 0.99
x 1.01
V
Ta=25
°C
VSET 2.0V
-20
+20
mV
VSET > 2.0V
x 0.985
x 1.015
V
VOUT
Output Voltage
-40
°C Ta 85°C
VSET 2.0V
-30
+30
mV
ILIM
Output Current Limit
150
mA
ΔVOUT
/
ΔIOUT
Load Regulation
1mA
IOUT 150mA
10
30
mV
VDIF
Dropout Voltage
Please see the table (Dropout Voltage) on next page.
ISS
Supply Current
IOUT=0mA
38
58
µA
Istandby
Supply Current
(Standby)
VCE=VIN
0.1
1.0
µA
ΔVOUT
/
ΔVIN
Line Regulation
VSET+0.5V VIN 6.5V
0.02
0.10
%/V
RR
Ripple Rejection
f=1kHz, Ripple 0.2Vp-p
VIN=VSET+1V
IOUT=30mA
(In case that VOUT 2.0V, VIN=3.0V)
80
dB
VIN
Input Voltage
1.7
6.5
V
ΔVOUT
/
ΔTa
Output Voltage
Temperature Coefficient
- 40
°C Ta 85°C
±20
ppm
/
°C
ISC
Short Current Limit
VOUT=0V
40
mA
IPD
CE Pull-down Current
0.4
µA
VCEH
CE Input Voltage "H"
1.0
µA
VCEL
CE Input Voltage "L"
0.4
en
Output Noise
BW=10Hz to 100kHz
IOUT=30mA
20
xVSET
µVrms
RLOW
Nch ON Resistance
for Auto Discharge
(D version Only)
VIN=4.0V
VCE=0V
30
Ω
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj≈Ta=25ºC) except for Output Noise,
Ripple Rejection, and Output Voltage Temperature Coefficient.


Similar Part No. - RP130K141B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130K121A-TR RICOH-RP130K121A-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP130K121B-TR RICOH-RP130K121B-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP130K121D-TR RICOH-RP130K121D-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP130K151A-TR RICOH-RP130K151A-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP130K151B-TR RICOH-RP130K151B-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
More results

Similar Description - RP130K141B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com