Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E413511 Datasheet(PDF) 8 Page - Fuji Electric

Part # E413511
Description  D/A Converter for Digital Tuning
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

E413511 Datasheet(HTML) 8 Page - Fuji Electric

Back Button E413511 Datasheet HTML 4Page - Fuji Electric E413511 Datasheet HTML 5Page - Fuji Electric E413511 Datasheet HTML 6Page - Fuji Electric E413511 Datasheet HTML 7Page - Fuji Electric E413511 Datasheet HTML 8Page - Fuji Electric E413511 Datasheet HTML 9Page - Fuji Electric E413511 Datasheet HTML 10Page - Fuji Electric E413511 Datasheet HTML 11Page - Fuji Electric E413511 Datasheet HTML 12Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
MB88346L
s ABSOLUTE MAXIMUM RATINGS
* : VCC
≥VDD
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Prameter
Symbol
Condition
Rating
Unit
Min.
Max.
Power supply voltage
VCC
GND used as reference,
Ta = 25
°C
–0.3
+7.0
V
VDD*
–0.3
+7.0
V
Input voltage
VIN
–0.3
VCC + 0.3
V
Output voltage
VOUT
–0.3
VCC + 0.3
V
Power consumption
PD
250
mW
Operating temperature
Ta
–20
+85
°C
Storage temperature
Tstg
–55
+150
°C
Prameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Power supply voltage 1
VCC
—2.7
3.6
V
GND
0
V
Power supply voltage 2
VDD
VDD – VSS
≥ 2.0 V
2.0
VCC
V
VSS
GND
VCC – 2.0
V
Analog output source current
IAL
VCC = 3.0 V
1.0
mA
Analog output sink current
IAH
VCC = 3.0 V
1.0
mA
Oscillator limiting output capacity
CAL
——
0.1
µF
Digital data value range
#00
#FF
Operating temperature
Ta
–20
+85
°C


Similar Part No. - E413511

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E41 GILWAY-E41 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
Ferroxcube Internationa...
E41-3C81 FERROXCUBE-E41-3C81 Datasheet
59Kb / 6P
   E cores and accessories
E41-3C81-A315 FERROXCUBE-E41-3C81-A315 Datasheet
59Kb / 6P
   E cores and accessories
E41-3C81-A400 FERROXCUBE-E41-3C81-A400 Datasheet
59Kb / 6P
   E cores and accessories
E41-3C81-A630 FERROXCUBE-E41-3C81-A630 Datasheet
59Kb / 6P
   E cores and accessories
More results

Similar Description - E413511

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
   D/A Converter for Digital Tuning
MB88141A FUJITSU-MB88141A Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
logo
Fujitsu Component Limit...
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
   D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
logo
Panasonic Semiconductor
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
   D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
   A/D Converter for Digital Audio Equipment
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
   D/A Converter for Digital Audio Equipment
MN6474A PANASONIC-MN6474A Datasheet
51Kb / 6P
   D/A Converter for Digital Audio Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com