Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBTA72G04 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # SBTA72G04
Description  Triac Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SBTA72G04 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SBTA72G04 Datasheet HTML 1Page - Sirectifier Semiconductors SBTA72G04 Datasheet HTML 2Page - Sirectifier Semiconductors SBTA72G04 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Test Conditions
Characteristic Values
Unit
V
VTM
IT=100A; TVJ=25oC
1.55
VTO
For power-loss calculations only (TVJ=125oC)
0.85
V
rT
11
m
VGT
1.3
V
VD=6V; IT=1A;TVJ=25oC
IGT
50
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
10
mA
IH
TVJ=25oC; VD=6V; RGK=
100
mA
DC current
RthJC
1.0
K/W
DC current
RthJ
1.2
K/W
a
Max. acceleration, 50 Hz
50
m/s2
IR, ID
TVJ=TVJM; VD=VDRM
10
mA
VD=6V; IT=1A;TVJ=25oC
50
50
100
1.3
1.3
1.5
SBTA72G04 thru SBTA72G12
Tr ac Modules (Isolated)
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - SBTA72G04

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SBTA71G04S SIRECTIFIER-SBTA71G04S Datasheet
439Kb / 3P
   Single Triac Module
SBTA71G06S SIRECTIFIER-SBTA71G06S Datasheet
439Kb / 3P
   Single Triac Module
SBTA71G10S SIRECTIFIER-SBTA71G10S Datasheet
439Kb / 3P
   Single Triac Module
SBTA71G12S SIRECTIFIER-SBTA71G12S Datasheet
439Kb / 3P
   Single Triac Module
More results

Similar Description - SBTA72G04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP266J TOSHIBA-TLP266J Datasheet
408Kb / 13P
   Triac Drivers Programmable Logic Controllers (PLCs) AC-Output Modules
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com