Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBTA71G10S Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # SBTA71G10S
Description  Single Triac Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SBTA71G10S Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  SBTA71G10S Datasheet HTML 1Page - Sirectifier Semiconductors SBTA71G10S Datasheet HTML 2Page - Sirectifier Semiconductors SBTA71G10S Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig. 1Gate Characteristics
Fig. 2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
400
VTM (V)
Tj=25°C
Tj max
Tj max.:
Vto = 0.85 V
Rd = 10 m
On-state characteristics
Fig. 3 On-state Current vs.Maximum Power Dissipation Fig. 4 On-state Current vs.Allowable Case Temperature
Fig. 5 Surge On-state Current Rating(Non-Repetitive)
Fig. 6 Transient Thermal Impedance
SBTA71G04S thru SBTA71G12S
Single Triac Module (Isolated)
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - SBTA71G10S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SBTA72G04 SIRECTIFIER-SBTA72G04 Datasheet
369Kb / 3P
   Triac Modules
SBTA72G04S SIRECTIFIER-SBTA72G04S Datasheet
369Kb / 3P
   Triac Modules
SBTA72G06 SIRECTIFIER-SBTA72G06 Datasheet
369Kb / 3P
   Triac Modules
SBTA72G10 SIRECTIFIER-SBTA72G10 Datasheet
369Kb / 3P
   Triac Modules
SBTA72G12 SIRECTIFIER-SBTA72G12 Datasheet
369Kb / 3P
   Triac Modules
More results

Similar Description - SBTA71G10S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACT12 RECOM-RACT12 Datasheet
387Kb / 5P
   12 Watt TRIAC Dimmable Single Output
RACT18 RECOM-RACT18 Datasheet
390Kb / 5P
   18 Watt TRIAC Dimmable Single Output
RACT25 RECOM-RACT25 Datasheet
389Kb / 5P
   25 Watt TRIAC Dimmable Single Output
RACT09 RECOM-RACT09 Datasheet
386Kb / 5P
   9 Watt TRIAC Dimmable Single Output
logo
Toshiba Semiconductor
TLP561G TOSHIBA-TLP561G_07 Datasheet
174Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
   Single-Stage PFC TRIAC Dimmable LED Driver
logo
XFMRS Inc.
XF3506T4 XFMRS-XF3506T4 Datasheet
61Kb / 1P
   single module
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com