Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9628AGQW Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9628AGQW
Description  High Voltage Synchronous Rectified Triple Channel Buck MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9628AGQW Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9628AGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9628AGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9628AGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9628AGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9628AGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9628AGQW Datasheet HTML 9Page - Richtek Technology Corporation RT9628AGQW Datasheet HTML 10Page - Richtek Technology Corporation RT9628AGQW Datasheet HTML 11Page - Richtek Technology Corporation RT9628AGQW Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9628A
8
DS9628A-00
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (20ns/Div)
Short Pulse
No Load
(5V/Div)
Full Load
Time (20ns/Div)
Dead Time
UGATE
PHASE
LGATE
UGATE-PHASE
(5V/Div)
UGATE
PHASE
LGATE
Full Load
Time (20ns/Div)
Dead Time
(5V/Div)
UGATE
PHASE
LGATE


Similar Part No. - RT9628AGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
186Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624BZQW RICHTEK-RT9624BZQW Datasheet
186Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624BZS RICHTEK-RT9624BZS Datasheet
186Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - RT9628AGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9629A RICHTEK-RT9629A_15 Datasheet
191Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B Datasheet
269Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605A RICHTEK-RT9605A Datasheet
260Kb / 12P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B_14 Datasheet
224Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9629A RICHTEK-RT9629A Datasheet
234Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B Datasheet
220Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B_15 Datasheet
182Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com