Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1718573004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1718573004
Description  2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1718573004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1718573004 Datasheet HTML 1Page - Molex Electronics Ltd. 1718573004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/02/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1718573004
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
2.54mm Pitch, KK® 254 RPC Wire-to-Board Right-Angle Header with Friction Lock, Tin
(Sn) Plating, Tape and Reel, 4 Circuits
Documents:
3D Model
Product Specification TS-171856-0001-001 (PDF)
Drawing (PDF)
Product Specification TS-171857-0001-001 (PDF)
Product Specification PS-171856-0001-001 (PDF)
Packaging Specification PK-171857-0001 (PDF)
Product Specification PS-171856-0002-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
171857
Application
Power, Signal, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
887191716312
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
2
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-1
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
High Temperature Thermoplastic
Net Weight
0.521/g
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
2.54mm
Plating min - Mating
1.524µm
Polarized to Mating Part
Yes
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4.0A
Voltage - Maximum
500V
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
171857 Series
Mates With
4455 , 2695 , 6471


Similar Part No. - 1718573004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1718573004 MOLEX1-1718573004_17 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
More results

Similar Description - 1718573004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1718570009 MOLEX1-1718570009 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718571002 MOLEX1-1718571002 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718570005 MOLEX1-1718570005_17 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718571005 MOLEX1-1718571005_17 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718574009 MOLEX1-1718574009_17 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718571010 MOLEX1-1718571010 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718574004 MOLEX1-1718574004 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718574008 MOLEX1-1718574008 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718574003 MOLEX1-1718574003_17 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718570002 MOLEX1-1718570002 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718570003 MOLEX1-1718570003 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com