Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6913 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6913
Description  12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6913 Datasheet(HTML) 2 Page - Texas Instruments

  PT6913 Datasheet HTML 1Page - Texas Instruments PT6913 Datasheet HTML 2Page - Texas Instruments PT6913 Datasheet HTML 3Page - Texas Instruments PT6913 Datasheet HTML 4Page - Texas Instruments PT6913 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
3.3V Input Voltage (See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
5.0V Input Voltage (See Note A)
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note B:
SOA curves represent the condition at which internal com-ponents are at or below manufacturere’s maximum operating temperature.
Power Dissipation vs Output Current
PT6911 Safe Operating Area, Vin =5.0V (See Note B)
PT6912 Safe Operating Area, Vin =5.0V (See Note B)
PT6910 Series
12 Watt 5V/3.3V Input
Plus to Minus Voltage Converter
40
50
60
70
80
90
012345
6
Iout (A)
PT6912
PT6911
PT6913
0
2
4
6
8
0123456
Iout (A)
PT6912
PT6911
PT6913
0
10
20
30
40
50
012345
6
Iout (A)
PT6912
PT6911
PT6913
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
50
60
70
80
90
012
34
5
Iout (A)
PT6915
PT6914
0
2
4
6
8
01
234
5
Iout (A)
PT6915
PT6914
0
10
20
30
40
012
34
5
Iout (A)
PT6915
PT6914
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
1.0
2.0
3.0
4.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow


Similar Part No. - PT6913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6913 TI-PT6913 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Princeton Technology Co...
PT6913A PTC-PT6913A Datasheet
266Kb / 4P
   Current Regulator for HV LED
PT6913AB PTC-PT6913AB Datasheet
266Kb / 4P
   Current Regulator for HV LED
PT6913B PTC-PT6913B Datasheet
266Kb / 4P
   Current Regulator for HV LED
logo
Texas Instruments
PT6913C TI-PT6913C Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results

Similar Description - PT6913

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6900 TI-PT6900 Datasheet
188Kb / 5P
[Old version datasheet]   12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PT78NR200 TI-PT78NR200 Datasheet
62Kb / 2P
[Old version datasheet]   10-12W Plus to Minus Voltage Integrated Switching Regulator
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
[Old version datasheet]   1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
SLTS058B TI-SLTS058B Datasheet
178Kb / 6P
[Old version datasheet]   1 Amp Plus to Minus Voltage Integrated Switching Regulator
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
   5V TO 짹10V VOLTAGE CONVERTER
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com