Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450QXW82MEFC14.5X35 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 450QXW82MEFC14.5X35
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

450QXW82MEFC14.5X35 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  450QXW82MEFC14.5X35 Datasheet HTML 1Page - RUBYCON CORPORATION 450QXW82MEFC14.5X35 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
QXW
SERIES
QXW
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Items
Characteristics
−40∼+105℃
400∼450Vdc
±20%
(20℃,
120Hz)
I=3 CV (After 5 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.20
420, 450
0.15
400
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 2000 hours at 105℃,
the capacitors shall meet the following requirements.
PET Sleeve −25∼+105℃(EFC)is also available, please consult our sales offices.
105℃ 2000 hours, Ultra Miniaturized
Temperature Range : −40℃∼+105℃
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
400
5
420, 450
6
(20℃,
120Hz)
(120Hz)
□□□
Rated Voltage
QXW
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
Capacitance Tolerance
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
PET Sleeve (−40∼+105℃)
EFR
Code
Coefficient
60(50) 120
500
1k
10k≦
0.80 1.00 1.25 1.40 1.50
Low Temperature Stability
Impedance Ratio(MAX)
◆PART NUMBER
◆OPTION
◆DIMENSIONS
(mm)
φD
φd
F
α
10
8
0.6
5.0
3.5
14.5
16
18
12.5
0.8
7.5
2.0
RoHS
compliance
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)


Similar Part No. - 450QXW82MEFC14.5X35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
450QXW120MEFC18X31.5 RUBYCON-450QXW120MEFC18X31.5 Datasheet
168Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
450QXW150MEFC18X40 RUBYCON-450QXW150MEFC18X40 Datasheet
168Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
450QXW180MEFC18X45 RUBYCON-450QXW180MEFC18X45 Datasheet
168Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
450QXW220MEFC18X50 RUBYCON-450QXW220MEFC18X50 Datasheet
168Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
450QXW68MEFC12.5X40 RUBYCON-450QXW68MEFC12.5X40 Datasheet
168Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 450QXW82MEFC14.5X35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com