Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T496C227K025CT641B Datasheet(PDF) 6 Page - Kemet Corporation

Part # T496C227K025CT641B
Description  Tantalum Surface Mount Capacitors
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496C227K025CT641B Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T496C227K025CT641B Datasheet HTML 2Page - Kemet Corporation T496C227K025CT641B Datasheet HTML 3Page - Kemet Corporation T496C227K025CT641B Datasheet HTML 4Page - Kemet Corporation T496C227K025CT641B Datasheet HTML 5Page - Kemet Corporation T496C227K025CT641B Datasheet HTML 6Page - Kemet Corporation T496C227K025CT641B Datasheet HTML 7Page - Kemet Corporation T496C227K025CT641B Datasheet HTML 8Page - Kemet Corporation T496C227K025CT641B Datasheet HTML 9Page - Kemet Corporation T496C227K025CT641B Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
TC111_SPACE • 4/14/2014
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2025_T493_SPACE • 4/14/2014
22
Tantalum Surface Mount Capacitors
High Reliability COTS (CWR11 Style) – T493 Series COTS Space Grade
SPICE
For a detailed analysis of specific part numbers, please visit www.kemet.com for a free download of KEMET's SPICE software. The
KEMET SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over frequency,
temperature, ripple, and DC bias conditions.
Ordering Information
T
493
D
227
K
006
C
H
61
2
A
Capacitor
Class
Series
Case
Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
Surge
ESR
Testing
T =
Tantalum
CRW11
Style
Space
Grade
A, B,
C, D,
X
First two digits
represent
significant
figures. Third
digit specifies
number of
zeros.
J = ±5%
K = ±10%
M = ±20%
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
C =
.01%/1,000
hours
C = Hot Solder
Dipped
H = Standard
Solder Coated
(SnPb 5% Pb
minimum)
B = Gold Plated
K = Solder
Fused
T = 100% Tin
61 = None
62 = 10 Cycles
after Weibull,25°C
63 = 10 Cycles,
after Weibull,-55°C
and 85°C
64 = 10 Cycles
before Weibull,
-55°C and 85°C
65 = 10 Cycles
Before and After
Weibull, -55°C and
85°C
1 = ESR -
Standard
2 = ESR -
Low
A = Option A
B = Option B
C = Option C
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
-55°C to 125°C
Rated Capacitance Range
0.1 – 330 μF @ 120 Hz/25°C
Capacitance Tolerance
J Tolerance (5%), K Tolerance (10%), M Tolerance (20%)
Rated Voltage Range
4 – 50 V
DF (120 Hz)
Refer to Part Number Electrical Specification Table
ESR (100 kHz)
Refer to Part Number Electrical Specification Table
Leakage Current
≤ 0.01 CV (mA) at rated voltage after 5 minutes


Similar Part No. - T496C227K025CT641B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496C227K025AHE500 KEMET-T496C227K025AHE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496C227K025AHE5007280 KEMET-T496C227K025AHE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496C227K025ATE500 KEMET-T496C227K025ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496C227K025ATE5007280 KEMET-T496C227K025ATE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results

Similar Description - T496C227K025CT641B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com